Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJ802 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJ802
Description  High?뭁ower NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ802 Datasheet(HTML) 2 Page - ON Semiconductor

  MJ802_06 Datasheet HTML 1Page - ON Semiconductor MJ802_06 Datasheet HTML 2Page - ON Semiconductor MJ802_06 Datasheet HTML 3Page - ON Semiconductor MJ802_06 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ802
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 200 mAdc, RBE = 100 W)
BVCER
100
Vdc
Collector−Emitter Sustaining Voltage (Note 1) (IC = 200 mAdc)
VCEO(sus)
90
Vdc
Collector−Base Cutoff Current
(VCB = 100 Vdc, IE = 0)
(VCB = 100 Vdc, IE = 0, TC = 150_C)
ICBO
1.0
5.0
mAdc
Emitter−Base Cutoff Current
(VBE = 4.0 Vdc, IC = 0)
IEBO
1.0
mAdc
ON CHARACTERISTICS(1)
DC Current Gain (Note 1)
(IC = 7.5 Adc, VCE = 2.0 Vdc)
hFE
25
100
Base−Emitter “On” Voltage
(IC = 7.5 Adc, VCE = 2.0 Vdc)
VBE(on)
1.3
Vdc
Collector−Emitter Saturation Voltage
(IC = 7.5 Adc, IB = 0.75 Adc)
VCE(sat)
0.8
Vdc
Base−Emitter Saturation Voltage
(IC = 7.5 Adc, IB = 0.75 Adc)
VBE(sat)
1.3
Vdc
DYNAMIC CHARACTERISTICS
Current Gain − Bandwidth Product
(IC = 1.0 Adc, VCE = 10 Vdc, f = 1.0 MHz)
fT
2.0
MHz
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
200
150
100
50
0
40
60
120
140
200
Figure 1. Power−Temperature Derating Curve
TC, CASE TEMPERATURE (°C)
0
20
80
100
160
180


Similar Part No. - MJ802_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ802 STMICROELECTRONICS-MJ802_03 Datasheet
42Kb / 4P
   SILICON NPN POWER TRANSISTOR
More results

Similar Description - MJ802_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5302 ONSEMI-2N5302_06 Datasheet
92Kb / 5P
   High?뭁ower NPN Silicon Transistor
March, 2006??Rev. 2
BD249C ONSEMI-BD249C Datasheet
194Kb / 6P
   NPN High?뭁ower Transistor
August, 2006 ??Rev. 2
MJE521 ONSEMI-MJE521 Datasheet
67Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 5
MJE344 ONSEMI-MJE344_06 Datasheet
68Kb / 3P
   Plastic NPN Silicon Medium?뭁ower Transistor
February, 2006 ??Rev. 2
MJE340 ONSEMI-MJE340 Datasheet
73Kb / 4P
   Plastic Medium?뭁ower NPN Silicon Transistor
February, 2006 ??Rev. 11
MJE371 ONSEMI-MJE371 Datasheet
66Kb / 3P
   Plastic Medium?뭁ower PNP Silicon Transistor
February, 2006 ??Rev. 6
2N4921 ONSEMI-2N4921_06 Datasheet
90Kb / 6P
   Medium?뭁ower Plastic NPN Silicon Transistors
January, 2006 ??Rev. 11
BD675 ONSEMI-BD675 Datasheet
60Kb / 4P
   Plastic Medium?뭁ower Silicon NPN Darlingtons
October, 2005 ??Rev. 12
TIP35A ONSEMI-TIP35A_05 Datasheet
86Kb / 6P
   Complementary Silicon High?뭁ower Transistors
September, 2005 ??Rev. 5
2N5883 ONSEMI-2N5883 Datasheet
94Kb / 6P
   Complementary Silicon High?뭁ower Transistors
March, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com