Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH127L125NP-3R6NC Datasheet(PDF) 4 Page - Sumida Corporation

Part # CDRH127L125NP-3R6NC
Description  Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH127L125NP-3R6NC Datasheet(HTML) 4 Page - Sumida Corporation

  CDRH127L125NP-3R6NC Datasheet HTML 1Page - Sumida Corporation CDRH127L125NP-3R6NC Datasheet HTML 2Page - Sumida Corporation CDRH127L125NP-3R6NC Datasheet HTML 3Page - Sumida Corporation CDRH127L125NP-3R6NC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
Revised: 1-Jun-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH127/L125
0
200
400
600
800
1000
1200
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
80
160
240
320
400
480
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
50
100
150
200
250
300
0.0 0.4 0.8 1.2 1.6 2.0 2.4
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0 0.5 1.0 1.5 2.0 2.5 3.0
0
10
20
30
40
50
60
13. CDRH127L125NP-151MC
△T (℃)
L (
μH)
DC (A)
14. CDRH127L125NP-221MC
△T (℃)
L (
μH)
DC (A)
15. CDRH127L125NP-331MC
△T (℃)
L (
μH)
DC (A)
16. CDRH127L125NP-471MC
△T (℃)
L (
μH)
DC (A)
17. CDRH127L125NP-681MC
△T (℃)
L (
μH)
DC (A)
18. CDRH127L125NP-1Ø2MC
△T (℃)
L (
μH)
DC (A)
L (20
℃)
△T
L (125
℃)
Solder Reflow Condition
170
±10 ℃,60~120s
40s
230
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@sumida-eu.com
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-3219660
FAX.+1-408-321-9308
sales@us.sumida.com
Tel.+65-6296-3388
FAX.+65-6296-3390
sales@sg.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
sales@jp.sumida.com
San Jose
Singapore
Seoul
Tokyo
Please refer to the sales offices on our website - http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
shanghai.sales@cn.sumida.com
Tel.+852-2880-6688
FAX.+852-2565-9600
sales@hk.sumida.com


Similar Part No. - CDRH127L125NP-3R6NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH127L125NP-3R6NC SUMIDA-CDRH127L125NP-3R6NC Datasheet
276Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH127L125NP-3R6NC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com