Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C28545-24AXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C28545-24AXI
Description  PSoC Programmable System-on-Chip
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C28545-24AXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C28545-24AXI Datasheet HTML 1Page - Cypress Semiconductor CY8C28545-24AXI Datasheet HTML 2Page - Cypress Semiconductor CY8C28545-24AXI Datasheet HTML 3Page - Cypress Semiconductor CY8C28545-24AXI Datasheet HTML 4Page - Cypress Semiconductor CY8C28545-24AXI Datasheet HTML 5Page - Cypress Semiconductor CY8C28545-24AXI Datasheet HTML 6Page - Cypress Semiconductor CY8C28545-24AXI Datasheet HTML 7Page - Cypress Semiconductor CY8C28545-24AXI Datasheet HTML 8Page - Cypress Semiconductor CY8C28545-24AXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
CY8C28243, CY8C28403, CY8C28413
CY8C28433, CY8C28445, CY8C28452
CY8C28513, CY8C28533, CY8C28545
CY8C28623, CY8C28643, CY8C28645
Document Number: 001-48111 Rev. *I
Page 3 of 78
PSoC Functional Overview
The PSoC family consists of many devices with On-Chip
Controllers. These devices are designed to replace multiple
traditional MCU based system components with one low cost
single chip programmable component. A PSoC device includes
configurable analog blocks, digital blocks, and interconnections.
This architecture enables the user to create customized
peripheral configurations to match the requirements of each
individual application. In addition, a fast CPU, Flash program
memory, SRAM data memory, and configurable I/O are included
in a range of convenient pinouts and packages.
The CY8C28xxx group of PSoC devices described in this
datasheet
have
multiple
resource
configuration
options
available. Therefore, not every resource mentioned in this
datasheet is available for each CY8C28xxx subgroup. The
CY8C28x45 subgroup has a full feature set of all resources
described. There are six more segmented subgroups that allow
designers to use a device with only the resources and function-
ality necessary for a specific application. See Table 2 on page 8
to determine the resources available for each CY8C28xxx
subgroup. The same information is also presented in more detail
in the Ordering Information section.
The architecture for this specific PSoC device family, as shown
in the Logic Block Diagram on page 1, consists of four main
areas: PSoC Core, Digital System, Analog System, and System
Resources. The configurable global bus system allows all the
device resources to be combined into a complete custom
system. PSoC CY8C28xxx family devices have up to six I/O
ports that connect to the global digital and analog interconnects,
providing access to up to 12 digital blocks and up to 16 analog
blocks.
The PSoC Core
The PSoC Core is a powerful engine that supports a rich feature
set. The core includes a CPU, memory, clocks, and configurable
general Purpose I/O (GPIO). The M8C CPU core is a powerful
processor with speeds up to 24 MHz, providing a four MIPS 8-bit
Harvard architecture microcontroller.
Memory encompasses 16K bytes of Flash for program storage,
1K bytes of SRAM for data storage. The PSoC device incorpo-
rates flexible internal clock generators, including a 24 MHz
internal main oscillator (IMO) accurate to 2.5% over temperature
and voltage. A low power 32 kHz internal low speed oscillator
(ILO) is provided for the sleep timer and watch dog timer (WDT).
The 32.768 kHz external crystal oscillator (ECO) is available for
use as a real time clock (RTC) and can optionally generate a
crystal-accurate 24 MHz system clock using a PLL.
PSoC GPIOs provide connections to the CPU, and digital and
analog resources. Each pin’s drive mode may be selected from
8 options, which allows great flexibility in external interfacing.
Every pin also has the capability to generate a system interrupt
on high level, low level, and change from last read.
The Digital System
The Digital System is composed of up to 12 configurable digital
PSoC blocks. Each block is an 8-bit resource that can be used
alone or combined with other blocks to create 8, 16, 24, and
32-bit peripherals, which are called user modules. The digital
blocks can be connected to any GPIO through a series of global
buses that can route any signal to any pin.
Figure 1. Digital System Block Diagram[1]
Digital peripheral configurations include:
PWMs (8 to 16 bit, One-shot and Multi-shot capability)
PWMs with Dead band/Kill (8 to 16 bit)
Counters (8 to 32 bit)
Timers (8 to 32 bit)
Full-duplex 8-bit UARTs (up to 3) with selectable parity
Half-duplex 8-bit UARTs (up to 6) with selectable parity
Variable length SPI slave and master
Up to 6 total slaves and masters (8-bit)
Supports 8 to 16 bit operation
I
2C slave, master, or multi-master (up to 2 available as System
Resources)
IrDA (up to 3)
Pseudo Random Sequence Generators (8 to 32 bit)
Cyclical Redundancy Checker/Generator (16 bit)
Shift Register (2 to 32 bit)
DIGITAL SYSTEM
To System Bus
Digital Clocks
From Core
Digital PSoC Block Array
To Analog
System
8
8
8
8
GIE[7:0]
GIO[7:0]
Global Digital
Interconnect
Port 4
Port 3
Port 2
Port 1
Port 0
Port 5
GOO[7:0]
GOE[7:0]
Row 0
DBC00
DBC01
DCC02
DCC03
4
4
Row 1
DBC10
DBC11
DCC12
DCC13
4
4
Row 2
DBC20
DBC21
DCC22
DCC23
4
4
Note
1. CY8C28x52 devices do not have digital block row 2. They have two digital rows with eight total digital blocks.


Similar Part No. - CY8C28545-24AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C28545-24AXI CYPRESS-CY8C28545-24AXI Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
CY8C28545-24AXI CYPRESS-CY8C28545-24AXI Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C28545-24AXIT CYPRESS-CY8C28545-24AXIT Datasheet
2Mb / 78P
   PSoC짰 Programmable System-on-Chip?
CY8C28545-24AXIT CYPRESS-CY8C28545-24AXIT Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C28545-24AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com