Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC981 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC981
Description  ACTIVE BIAS CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC981 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC981 Datasheet HTML 3Page - Hittite Microwave Corporation HMC981 Datasheet HTML 4Page - Hittite Microwave Corporation HMC981 Datasheet HTML 5Page - Hittite Microwave Corporation HMC981 Datasheet HTML 6Page - Hittite Microwave Corporation HMC981 Datasheet HTML 7Page - Hittite Microwave Corporation HMC981 Datasheet HTML 8Page - Hittite Microwave Corporation HMC981 Datasheet HTML 9Page - Hittite Microwave Corporation HMC981 Datasheet HTML 10Page - Hittite Microwave Corporation HMC981 Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 7
13
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1, 5, 8, 10,
13, 15, 20,
23, 25, 26,
Die Bottom
GND
These pads and the die bottom must be connected to a
high quality RF/DC ground.
2
EN
Enable pad. System is enabled when Ven is HIGH (VDIG).
If left floating, Ven defaults to HIGH (enabled).
3
SW
Internal switch resistance control pad. If left floating, VSW
defaults to HIGH.
12
DISBLSC
Disables short circuit lock down when pulled to ground.
Leave it floating to enable short circuit lock down.
4
VG2CONT
Control voltage of the VG2. Use a resistor divider between
VDD and GND to set the voltage. VG2 is typically 1.3V
lower than the VG2CONT
19
VG2
Second gate control.
6-7, 29-30
VDD, VDIG
Bias supply pan. Connect supply voltage
to this pad with appropriate filtering.
9
VREF
1.5V reference voltage. 0.1uF or greater capacitor to GND
is needed for noise filtering.
11
ISENSE
To adjust the bias current of the external amplifier connect
a resistor (Rsense) from ISENSE pad to GND. Use Eqn.2
to
determine the required Rsense value.
HMC981
v00.0611
ACTIVE BIAS CONTROLLER


Similar Part No. - HMC981

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Hittite Microwave Corpo...
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
More results

Similar Description - HMC981

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
   Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
logo
Hittite Microwave Corpo...
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
   ACTIVE BIAS CONTROLLER
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W_07 Datasheet
174Kb / 9P
   Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
   Active Bias Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com