Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH311 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC-ALH311
Description  ACTIVE BIAS CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-ALH311 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC-ALH311 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-ALH311 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-ALH311 Datasheet HTML 6Page - Hittite Microwave Corporation HMC-ALH311 Datasheet HTML 7Page - Hittite Microwave Corporation HMC-ALH311 Datasheet HTML 8Page - Hittite Microwave Corporation HMC-ALH311 Datasheet HTML 9Page - Hittite Microwave Corporation HMC-ALH311 Datasheet HTML 10Page - Hittite Microwave Corporation HMC-ALH311 Datasheet HTML 11Page - Hittite Microwave Corporation HMC-ALH311 Datasheet HTML 12Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 8
13
Pad Number
Function
Description
Interface Schematic
14
TRGOUT
Trigger out signal. Generates a HIGH (3.5V) signal when
the active bias system stabilizes. This signal can be
used to trigger next device (ENABLE) if more than one
HMC981 is used in a daisy chain.
16, 17
VDRAIN
Drain voltage. Should be connected to the supply
terminal of the external amplifier. A minimum 100 nF
capacitor has to be placed close to the external amplifier to
improve load regulation.
18
VGATE
Gate Control pad for external amplifier. Connect to the gate
(base) of the external amplifier. In order to guarantee
stability,a 10μF capacitor should be connected between
the gate (base) terminal of the external amplifier and GND
as close to the amplifier as possible.
21
VNEG
Negative input to the chip. Should be supplied with CPOUT
when negative voltage generator is enabled, or connect to
external VSS when negative voltage generator is enabled.
For detailed usage please refer to the “Negative Voltage
Generator” section.
22
VNEGFB
Feedback (Control) pad for Negative Voltage Generator
Charge Pump. Float to activate the negative voltage
generator / Sort to GND to disable the negative voltage
generator.
24
VGATEFB
Control pad for VGATEFB. Float VGATEFB when a
depletion mode transistor is biased. Selects the mode of
operation along with VNEGFB pad. For detailed usage
please refer to the Table 2.
27, 28
CPOUT
Negative voltage generator charge pump output. Negative
voltage generator needs a flying capacitor, a reservoir
capacitor and two diodes to operate. Please refer to the
application schematic for more info.
Pad Descriptions (Continued)
HMC981
v00.0611
ACTIVE BIAS CONTROLLER


Similar Part No. - HMC-ALH311

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH311 HITTITE-HMC-ALH311 Datasheet
193Kb / 6P
   GaAs HEMT MMIC LOW NOISE DRIVER AMPLIFIER, 22.0 - 26.5 GHz
logo
Analog Devices
HMC-ALH311 AD-HMC-ALH311 Datasheet
273Kb / 6P
   GaAs HEMT MMIC LOW NOISE DRIVER AMPLIFIER
More results

Similar Description - HMC-ALH311

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
   Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
logo
Hittite Microwave Corpo...
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
   ACTIVE BIAS CONTROLLER
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W_07 Datasheet
174Kb / 9P
   Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
   Active Bias Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com