Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMCAD1040-80 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMCAD1040-80
Description  Dual 10-Bit 65/80 MSPS A/D Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMCAD1040-80 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMCAD1040-80 Datasheet HTML 1Page - Hittite Microwave Corporation HMCAD1040-80 Datasheet HTML 2Page - Hittite Microwave Corporation HMCAD1040-80 Datasheet HTML 3Page - Hittite Microwave Corporation HMCAD1040-80 Datasheet HTML 4Page - Hittite Microwave Corporation HMCAD1040-80 Datasheet HTML 5Page - Hittite Microwave Corporation HMCAD1040-80 Datasheet HTML 6Page - Hittite Microwave Corporation HMCAD1040-80 Datasheet HTML 7Page - Hittite Microwave Corporation HMCAD1040-80 Datasheet HTML 8Page - Hittite Microwave Corporation HMCAD1040-80 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
0
0 - 4
HMCAD1040-80
v01.0411
Dual 10-Bit 65/80 MSPS
a/D Converter
aC electrical Specifications - 80 MSPS
AvDD= 1.8v, DvDD= 1.8v, DvDDCK= 1.8v, ovDD= 2.5v, 65/80 MsPs clock, 50% clock duty cycle, -1 dBFs 8 MHz input signal, unless otherwise
noted
Parameter
Condition
Min.
typ.
Max.
Units
Performance
snr
signal to noise ratio
FIn = 8 MHz
60
61.6
dBFs
FIn = 20 MHz
61.2
dBFs
FIn = 30 MHz
61.3
dBFs
FIn =~ Fs/2
61.3
dBFs
snDr
signal to noise and Distortion ratio
FIn = 8 MHz
60
61.3
dBFs
FIn = 20 MHz
60.7
dBFs
FIn = 30 MHz
61
dBFs
FIn =~ Fs/2
59
dBFs
sFDr
spurious Free Dynamic range
FIn = 8 MHz
70
75
dBc
FIn = 20 MHz
75
dBc
FIn = 30 MHz
75
dBc
FIn =~ Fs/2
65
dBc
HD2
second order Harmonic Distortion
FIn = 8 MHz
-80
-90
dBc
FIn = 20 MHz
-95
dBc
FIn = 30 MHz
-90
dBc
FIn =~ Fs/2
-80
dBc
HD3
third order Harmonic Distortion
FIn = 8 MHz
-70
-75
dBc
FIn = 20 MHz
-75
dBc
FIn = 30 MHz
-75
dBc
FIn =~ Fs/2
-65
dBc
enoB
effective number of Bits
FIn = 8 MHz
9.7
9.9
bits
FIn = 20 MHz
9.8
bits
FIn = 30 MHz
9.8
bits
FIn =~ Fs/2
9.5
bits
Crosstalk
signal crosstalk between channels,
FIn1=8MHz, FIn0=9.9MHz
-95
dB
Power Supply
Analog supply current
26.5
mA
Digital supply current
Digital core supply
6.1
mA
output driver supply
2.5v output driver supply, sine wave input,
FIn = 1 MHz, CK_eXt enabled
9.5
mA
output driver supply
2.5v output driver supply, sine wave input,
FIn = 1 MHz, CK_eXt disabled
7.6
mA
Analog power Dissipation
47.7
mW
Digital power Dissipation
ovDD = 2.5v, 5pF load on output bits,
FIn = 1 MHz, CK_eXt disabled
30
mW
total power Dissipation
ovDD = 2.5v, 5pF load on output bits,
FIn = 1 MHz, CK_eXt disabled
77.7
mW
Power Down Dissipation
9.1
µW
sleep Mode 1
Power Dissipation, sleep mode one channel
46.1
mW
sleep Mode 2
Power Dissipation, sleep mode both channels
18.3
mW
Clock Inputs
Max. Conversion rate
80
MsPs
Min. Conversion rate
3
MsPs


Similar Part No. - HMCAD1040-80

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMCAD1040-40 HITTITE-HMCAD1040-40 Datasheet
915Kb / 14P
   Dual 10-Bit 20/40 MSPS A/D Converter
More results

Similar Description - HMCAD1040-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. PrD_6/15/2004
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
   10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1041-80 HITTITE-HMCAD1041-80 Datasheet
705Kb / 12P
   Single 10-Bit 65/80 MSPS A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
   12-Bit, 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC14C080 TI1-ADC14C080_14 Datasheet
1Mb / 30P
[Old version datasheet]   14-Bit, 65/80 MSPS A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1050-80 HITTITE-HMCAD1050-80 Datasheet
794Kb / 14P
   Dual 13/12-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12C080 TI1-ADC12C080 Datasheet
1Mb / 32P
[Old version datasheet]   65/80 MSPS A/D Converter
ADC14C080 TI1-ADC14C080_15 Datasheet
1Mb / 31P
[Old version datasheet]   65/80 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com