Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3006E6TA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXGD3006E6TA
Description  40V 10A GATE DRIVER IN SOT26
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3006E6TA Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXGD3006E6TA Datasheet HTML 1Page - Diodes Incorporated ZXGD3006E6TA Datasheet HTML 2Page - Diodes Incorporated ZXGD3006E6TA Datasheet HTML 3Page - Diodes Incorporated ZXGD3006E6TA Datasheet HTML 4Page - Diodes Incorporated ZXGD3006E6TA Datasheet HTML 5Page - Diodes Incorporated ZXGD3006E6TA Datasheet HTML 6Page - Diodes Incorporated ZXGD3006E6TA Datasheet HTML 7Page - Diodes Incorporated ZXGD3006E6TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXGD3006E6
Document Number DS35229 Rev. 1 – 2
6 of 8
www.diodes.com
June 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3006E6
0
100 200 300 400 500 600 700 800
0
5
10
15
V
IN = 0 to 15V
V
CC= 15V
V
EE= 0V
R
IN = 1kΩ
C
L = 10nF
R
L = 0.18Ω
R
SOURCE
= 0Ω
R
SINK
= 0Ω
V
OUT
Symmetric Source and Sink Resistors
Time (ns)
V
IN
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-20
-15
-10
-5
0
5
10
15
20
V
IN = -18 to 20V
V
CC= 20V
V
EE= -18V
R
IN = 1kΩ
C
L = 10nF
R
L = 0.18Ω
R
SOURCE
= 4.7Ω
R
SINK
= 0Ω
Asymmetric Source and Sink Resistors
V
IN
V
OUT
Time (μs)
Circuit Examples
ZXGD3006 driving a MOSFET
Application example of the ZXGD3006 driving the gate of a
MOSFET from 0 to +15V with RSOURCE = RSINK = 0Ω
Switching Time Characteristic
ZXGD3006 driving an IGBT
Application example of ZXGD3006 driving the gate of an IGBT with
independent ton and toff using asymmetric RSOURCE and RSINK In
addition, the gate is driven negative to -18V to prevent dV/dt induced
false triggering.
Switching Time Characteristic


Similar Part No. - ZXGD3006E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3006E6 DIODES-ZXGD3006E6 Datasheet
332Kb / 2P
   High current 40V Gate Driver reduces IGBT switching losses
ZXGD3006E6Q DIODES-ZXGD3006E6Q Datasheet
768Kb / 9P
   40V 10A GATE DRIVER IN SOT26
March 2018
ZXGD3006E6QTA DIODES-ZXGD3006E6QTA Datasheet
768Kb / 9P
   40V 10A GATE DRIVER IN SOT26
March 2018
ZXGD3006E6 DIODES-ZXGD3006E6_15 Datasheet
270Kb / 8P
   40V 10A GATE DRIVER IN SOT26
More results

Similar Description - ZXGD3006E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3006E6Q DIODES-ZXGD3006E6Q Datasheet
768Kb / 9P
   40V 10A GATE DRIVER IN SOT26
March 2018
ZXGD3006E6 DIODES-ZXGD3006E6_15 Datasheet
270Kb / 8P
   40V 10A GATE DRIVER IN SOT26
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3009E6 DIODES-ZXGD3009E6 Datasheet
435Kb / 8P
   40V 1A GATE DRIVER IN SOT26
July 2018
ZXGD3009E6 DIODES-ZXGD3009E6_15 Datasheet
251Kb / 8P
   40V 2A GATE DRIVER IN SOT26
ZXGD3004E6Q DIODES-ZXGD3004E6Q Datasheet
601Kb / 8P
   40V 8A GATE DRIVER IN SOT26
March 2018
ZXGD3005E6 DIODES-ZXGD3005E6_15 Datasheet
189Kb / 8P
   25V 10A GATE DRIVER IN SOT26
ZXGD3005E6 DIODES-ZXGD3005E6 Datasheet
140Kb / 7P
   10A (PEAK) GATE DRIVER IN SOT26
DS35095 Rev. 1 ??2
ZXGD3005E6 DIODES-ZXGD3005E6_11 Datasheet
189Kb / 8P
   25V 10A GATE DRIVER IN SOT26
ZXGD3009DY DIODES-ZXGD3009DY Datasheet
607Kb / 8P
   40V 1A GATE DRIVER IN SOT363
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com