Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR20A60CT Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR20A60CT
Description  20A SBR SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A60CT Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR20A60CT_11 Datasheet HTML 1Page - Diodes Incorporated SBR20A60CT_11 Datasheet HTML 2Page - Diodes Incorporated SBR20A60CT_11 Datasheet HTML 3Page - Diodes Incorporated SBR20A60CT_11 Datasheet HTML 4Page - Diodes Incorporated SBR20A60CT_11 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBR20A60
Document number: DS30965 Rev. 10 - 2
4 of 5
www.diodes.com
August 2011
© Diodes Incorporated
SBR20A60CT
SBR20A60CTB
SBR20A60CTFP
SBR is a registered trademark of Diodes Incorporated.
Package Outline Dimensions
Suggested Pad Layout
TO-220AB
Dim
Min
Typ
Max
A
3.56
-
4.82
A1
0.51
-
1.39
A2
2.04
-
2.92
b
0.39
0.81
1.01
b2
1.15
1.24
1.77
c
0.356
-
0.61
D
14.22
-
16.51
D1
8.39
-
9.01
e
2.54
e1
5.08
E
9.66
-
10.66
H1
5.85
-
6.85
L
12.70
-
14.73
L1
-
-
6.35
P
3.54
-
4.08
Q
2.54
-
3.42
All Dimensions in mm
D
2PAK
Dim
Min
Max
A
4.07
4.82
b
0.51
0.99
b1
1.15
1.77
c
0.356
0.58
c1
1.143
1.65
D
8.39
9.65
D1
6.55
E
9.66
10.66
E1
6.23
e
2.54 Typ
H
14.61
15.87
L
1.78
2.79
L1
1.67
L2
1.77
a
All Dimensions in mm
ITO-220AB
Dim
Min
Typ
Max
A
4.50
4.70
4.90
A1
3.04
3.24
3.44
A2
2.56
2.76
2.96
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
c
0.50
0.60
0.70
D
15.67 15.87 16.07
D1
8.99
9.19
9.39
e
2.54
E
9.91 10.11 10.31
L
9.45
9.75 10.05
L1
15.80 16.00 16.20
P
2.98
3.18
3.38
Q
3.10
3.30
3.50
All Dimensions in mm
ITO-220AB
ALTERNATE
DIM.
MIN.
MAX.
A
4.30
4.70
A1
1.3
b
0.50
0.75
b1
1.10
1.35
b2
1.50
1.75
c
0.50
0.75
D
14.80
15.20
E
9.96
10.36
e
2.54 typ
F
2.80
3.20
J1
2.50
2.90
L
12.80
13.60
L1
1.70
1.90
L2
1.90
2.10
ØP
3.50 typ
Q
2.70 typ
All Dimensions in mm
Dimensions
Value (in mm)
Z
16.9
X1
1.1
X2
10.8
Y1
3.5
Y2
7.01
E1
2.5
E
ØP
Q
b1
L1
b2
L2
b
e
F
D
L
A1
J1
c
Not Through Holes
1
23
+
A
10°
E
Q
D
D1
L1
3 x b1
3 x b
2 x e
L
ØP
A
A1
A2
c
12
3
A
A1
c
D
E
b
e1
b2
P
H1
Q
L1
A2
e
D1
*Guaranteed by TO-220AB leadframe design
E
b1
c
H
D
L1
b
L2
Lc1
A
e
a
12
K
E1
D1
X2
Z
X1
Y1
E1
Y2


Similar Part No. - SBR20A60CT_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A60CT-G DIODES-SBR20A60CT-G Datasheet
243Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTB DIODES-SBR20A60CTB Datasheet
243Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
logo
Inchange Semiconductor ...
SBR20A60CTB ISC-SBR20A60CTB Datasheet
275Kb / 2P
   Schottky Barrier Rectifier
logo
Diodes Incorporated
SBR20A60CTB-13 DIODES-SBR20A60CTB-13 Datasheet
243Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTB-13-G DIODES-SBR20A60CTB-13-G Datasheet
243Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results

Similar Description - SBR20A60CT_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U150CT DIODES-SBR20U150CT Datasheet
160Kb / 4P
   20A SBR Super Barrier Rectifier
SBR20U150CT Rev. 3
SBR20150CT DIODES-SBR20150CT Datasheet
177Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20150 Rev. 2
SBR20A100CT DIODES-SBR20A100CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A100 Rev. 2
SBR20A60CT DIODES-SBR20A60CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A60 Rev. 2
SBR20M45D1 DIODES-SBR20M45D1 Datasheet
302Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
SBR2060CTI DIODES-SBR2060CTI Datasheet
491Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2065D1 DIODES-SBR2065D1 Datasheet
429Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A45D1 DIODES-SBR20A45D1 Datasheet
409Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
January 2017 Rev.3 - 2
SBR20A200CT DIODES-SBR20A200CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A200 Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com