Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFN2626P10 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DFN2626P10
Description  0.6V DUAL ADJUSTABLE PRECISION SHUNT REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFN2626P10 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button DFN2626P10 Datasheet HTML 4Page - Diodes Incorporated DFN2626P10 Datasheet HTML 5Page - Diodes Incorporated DFN2626P10 Datasheet HTML 6Page - Diodes Incorporated DFN2626P10 Datasheet HTML 7Page - Diodes Incorporated DFN2626P10 Datasheet HTML 8Page - Diodes Incorporated DFN2626P10 Datasheet HTML 9Page - Diodes Incorporated DFN2626P10 Datasheet HTML 10Page - Diodes Incorporated DFN2626P10 Datasheet HTML 11Page - Diodes Incorporated DFN2626P10 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ZXRD060
Document number
Applicatio
Fig.9
VF and IF are fo
More applicatio
AN58 - Design
AN59 - Design
AN60 - Design
AN61 - Design
AN62 - Design
AN63 - Design
r: DS35359 Rev. 4
ons Informa
mA
15
I
V
3
R
=
OU
V
Opto-Isolat
orward voltage
ons information
ning with Diode
ning with Diode
ning with Diode
ning with Diode
ning with Diode
ning with Diode
0
- 2
ation (cont.
)
MAX
(
F
I
3
R
I
3
R
I
)
2
.
0
F
V
(
N
+
REF
V
UT =
ted 0.6V Shu
e drop and forw
n is available in
es’ References
es’ References
es’ References
es’ References
es’ References
es’ References
0.6V DUAL
w
.)
unt Regulator
ward current res
n the following
– Shunt Regul
– Series Regu
– Fixed Regul
– Extending th
– Other Applic
– ZXRE060 Lo
L ADJUSTA
9 of 12
www.diodes.com
r
spectively for th
publications w
lation
ulation
lators and Opto
he operating vo
cations
ow Voltage Reg
ABLE PRE
m
A
Dio
1
Fig. 10 Opt
he opto-couple
which can be fou
o-Isolation
oltage range
gulator
CISION SH
A Product Li
odes Incorpo
F
I
3
R
I
mA
15
3
R
I
F
V
(
IN
V
3
R
=
=
1
REF
V
OUT
V
o-Isolated 1.
er LED.
und on Diodes
Z
HUNT REG
© Dio
ine of
orated
)
MAX
(
F
)
2
.
0
+
+
2
R
1
R
.0V Shunt Re
’ web site.
ZXRD060
GULATOR
August 2011
odes Incorporated
egulator


Similar Part No. - DFN2626P10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFN2626P10 DIODES-DFN2626P10 Datasheet
286Kb / 2P
   ZXRD060 0.6V dual shunt regulator in DFN2626P10 packaging
More results

Similar Description - DFN2626P10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE060 DIODES-ZXRE060_11 Datasheet
414Kb / 12P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
ZXRE160 DIODES-ZXRE160 Datasheet
426Kb / 15P
   0.6V ENHANCED ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Silicon Standard Corp.
SS2432G SSC-SS2432G Datasheet
474Kb / 6P
   Dual Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com