Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC992LP5E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC992LP5E
Description  IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC992LP5E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC992LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC992LP5E Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
8
8 - 7
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC992LP5E
v01.0811
IF AUTOMATIC GAIN CONTROLLER
(IF-AGC), 50 - 800 MHz
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
Output Return Loss vs. VCTRL
@ 800MHz[1]
Output Return Loss vs. VCTRL
@ 800MHz[2]
30
32
34
36
38
40
42
44
46
48
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
30
32
34
36
38
40
42
44
46
48
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
Output IP3 vs. VCTRL @ 100MHz [1]
Output IP3 vs. VCTRL @ 300MHz [1]
30
32
34
36
38
40
42
44
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
30
32
34
36
38
40
42
44
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
+25C
+85C
-40C
VCTRL (V)
Output IP3 vs. VCTRL @ 500MHz [1]
Output IP3 vs. VCTRL @ 800MHz [1]
[1] ATTN1 + AMP1 + AMP2, CT1=0V
[2] ATTN1 + ATTN2 + AMP1 + AMP2 , CT1=0V


Similar Part No. - HMC992LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC992LP5E AD-HMC992LP5E Datasheet
1Mb / 22P
   IF AUTOMATIC GAIN CONTROLLER
More results

Similar Description - HMC992LP5E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC992LP5E AD-HMC992LP5E Datasheet
1Mb / 22P
   IF AUTOMATIC GAIN CONTROLLER
logo
BeRex Corporation
BIF7 BEREX-BIF7 Datasheet
775Kb / 10P
   50-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3 Datasheet
451Kb / 9P
   50-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1 Datasheet
457Kb / 9P
   50-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5 Datasheet
762Kb / 10P
   50-800 MHz Internally Matched IF Amplifier
BCIF7 BEREX-BCIF7 Datasheet
362Kb / 7P
   50-800 MHz Internally Matched IF Amplifier
logo
Hittite Microwave Corpo...
HMC993LP5E HITTITE-HMC993LP5E Datasheet
3Mb / 27P
   RF AUTOMATIC GAIN CONTROLLER (RF-AGC), 700 - 3000 MHz
logo
DAICO Industries, Inc.
DHD08063 DAICO-DHD08063 Datasheet
30Kb / 1P
   IF / AGC HYBRID
logo
Analog Devices
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com