Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC871LC5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC871LC5
Description  ACTIVE BIAS CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC871LC5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC871LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC871LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC871LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC871LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC871LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC871LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC871LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC871LC5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC871LC5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
2 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13 - 4
13
Enable Waveform
HMC981
v00.0611
ACTIVE BIAS CONTROLLER
-8
-6
-4
-2
0
2
4
6
8
0
2
4
6
8
10
12
EN
VDRAIN
VG2
VNEG
VGATE
TIME (ms)
Disable Waveform
-8
-6
-4
-2
0
2
4
6
8
12
14
16
18
20
EN
VDRAIN
VG2
VNEG
VGATE
TIME (ms)
Power Up Waveform
-4
-2
0
2
4
6
8
0
10
20
30
40
50
VDD
VDRAIN
VDIG
VG2
VNEG
VGATE
TIME (ms)
Shutdown Waveform
-4
-2
0
2
4
6
8
0
20
40
60
80
100
VDD
VDRAIN
VDIG
VG2
VNEG
VGATE
TIME (ms)
-2.8
-2.3
-1.8
-1.3
-0.8
-20
-10
0
10
20
0
0.5
1
1.5
2
TIME (ms)
-2.55
-2.525
-2.5
-2.475
-2.45
-2.425
-2.4
-15
-10
-5
0
5
10
15
0
0.5
1
1.5
2
TIME (ms)
VNEG Load Transient VDD=4V
VNEG Load Transient VDD=6V


Similar Part No. - HMC871LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC871LC5 HITTITE-HMC871LC5 Datasheet
601Kb / 10P
   EA OPTICAL MODULATOR DRIVER, DC - 20 GHz
HMC871LC5 HITTITE-HMC871LC5 Datasheet
2Mb / 10P
   EA OPTICAL MODULATOR DRIVER, DC - 20 GHz
logo
Analog Devices
HMC871LC5 AD-HMC871LC5 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC871LC5 HITTITE-HMC871LC5_10 Datasheet
601Kb / 10P
   EA OPTICAL MODULATOR DRIVER, DC - 20 GHz
HMC871LC5_1010 HITTITE-HMC871LC5_1010 Datasheet
2Mb / 10P
   EA OPTICAL MODULATOR DRIVER, DC - 20 GHz
More results

Similar Description - HMC871LC5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W Datasheet
60Kb / 7P
   Active Bias Controller
Aug-07-2001
BCR410W INFINEON-BCR410W Datasheet
127Kb / 4P
   Active Bias Controller
Dec-21-2001
BCR410W INFINEON-BCR410W_07 Datasheet
170Kb / 6P
   Active Bias Controller
2007-05-29
logo
Analog Devices
HMC920LP5E AD-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981 AD-HMC981 Datasheet
871Kb / 18P
   ACTIVE BIAS CONTROLLER
HMC981LP3E AD-HMC981LP3E Datasheet
980Kb / 17P
   ACTIVE BIAS CONTROLLER
logo
Hittite Microwave Corpo...
HMC920LP5E HITTITE-HMC920LP5E Datasheet
1Mb / 26P
   ACTIVE BIAS CONTROLLER
HMC981LP3E HITTITE-HMC981LP3E Datasheet
1Mb / 17P
   ACTIVE BIAS CONTROLLER
logo
Infineon Technologies A...
BCR400W INFINEON-BCR400W_07 Datasheet
174Kb / 9P
   Active Bias Controller
2007-05-29
logo
Hittite Microwave Corpo...
HMC980 HITTITE-HMC980_12 Datasheet
1Mb / 20P
   Active Bias Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com