Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT1G32SE-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74AHCT1G32SE-7
Description  SINGLE 2 INPUT POSITIVE OR GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT1G32SE-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  74AHCT1G32SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AHCT1G32SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AHCT1G32SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AHCT1G32SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AHCT1G32SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AHCT1G32SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AHCT1G32SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AHCT1G32SE-7 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
74AHCT1G32
SINGLE 2 INPUT POSITIVE OR GATE
74AHCT1G32
Document number: DS35184 Rev. 1 - 2
4 of 8
www.diodes.com
May 2011
© Diodes Incorporated
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
VOH
High Level
Output Voltage
IOH = -50μA
4.5V
4.4
4.5
4.4
4.4
V
IOH = -8mA
4.5V
3.94
3.8
3.70
VOL
Low Level
Output Voltage
IOL = 50μA
4.5V
0
0.1
0.1
0.1
V
IOL = 8mA
4.5V
0.36
0.44
0.55
II
Input Current
VI = 5.5V or GND
0 to 5.5V
± 0.1
± 1
± 2
μA
ICC
Supply Current
VI = 5.5V or GND
IO=0
5.5V
1
10
40
μA
Ci
Input
Capacitance
VI = VCC – or
GND
5.5V
2.0
10
10
10
pF
ΔICC
Additional
Supply Current
One input at 3.4
V Other inputs at
VCC or GND
5.5V
1.35
1.5
mA
θJA
Thermal
Resistance
Junction-to-
Ambient
SOT25
(Note 4)
204
oC/W
SOT353
371
θJC
Thermal
Resistance
Junction-to-
Case
SOT25
(Note 4)
52
oC/W
SOT353
143
Note:
4. Test conditions for SOT25, and SOT353: Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
Switching Characteristics
VCC = 5V ± 0.5V (see Figure 1)
Parameter
From
(Input)
TO
(OUTPUT)
25ºC
-40ºC to 85ºC
-40ºC to 125ºC
Unit
Min
Typ.
Max
Min
Max
Min
Max
tpd
A or B
Y
CL=15pF
0.6
3.3
6.9
0.6
8.0
0.6
9.0
ns
CL=50pF
0.6
4.8
7.9
0.6
9.0
0.6
10.0
ns
Operating Characteristics
TA = 25 ºC
Parameter
Test
Conditions
VCC = 5 V
Unit
Typ.
Cpd
Power dissipation capacitance
f = 1 MHz
No Load
11.5
pF


Similar Part No. - 74AHCT1G32SE-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G32 PHILIPS-74AHCT1G32 Datasheet
80Kb / 12P
   2-input OR gate
1999 Jan 27
74AHCT1G32 PHILIPS-74AHCT1G32 Datasheet
74Kb / 16P
   2-input OR gate
2002 Jun 05
74AHCT1G32 NXP-74AHCT1G32 Datasheet
79Kb / 12P
   2-input OR gate
Rev. 07-14 May 2009
logo
Texas Instruments
74AHCT1G32 TI-74AHCT1G32 Datasheet
974Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Nexperia B.V. All right...
74AHCT1G32 NEXPERIA-74AHCT1G32 Datasheet
215Kb / 11P
   2-input OR gate
Rev. 10 - 11 January 2022
More results

Similar Description - 74AHCT1G32SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G32DSF2 TI1-SN74LVC1G32DSF2 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32_14 Datasheet
402Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
logo
Unisonic Technologies
U74LVC1G32 UTC-U74LVC1G32_15 Datasheet
202Kb / 5P
   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUC1G32 TI1-SN74AUC1G32_15 Datasheet
993Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_07 Datasheet
496Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_09 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74AHC1G32 TI-SN74AHC1G32_08 Datasheet
435Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32 TI-SN74LVC1G32_08 Datasheet
738Kb / 18P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
SN74LVC1G32-EP TI1-SN74LVC1G32-EP Datasheet
502Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32FW4-7 DIODES-74LVC1G32FW4-7 Datasheet
219Kb / 12P
   SINGLE 2 INPUT POSITIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com