Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC2G34DW Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74LVC2G34DW
Description  DUAL BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC2G34DW Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74LVC2G34DW Datasheet HTML 2Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 3Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 4Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 5Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 6Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 7Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 8Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 9Page - Diodes Incorporated 74LVC2G34DW Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
74LVC2G34
DUAL BUFFER
74LVC2G34
Document number: DS35165 Rev. 3 - 2
7 of 10
www.diodes.com
June 2011
© Diodes Incorporated
Ordering Information
 
74LVC 2G 34 XX -7
W6 : SOT 26
Function
Package
7: Tape & Reel
Packing
34 : Buffer/Driver
Logic Device
74 : Logic Prefix
LVC : 1.65 to 5.5V
Family
2G : Two gates
DW : SOT363
FW4 : DFN1010
Device
Package
Code
Packaging
(Note 5)
7” Tape and Reel
Quantity
Part Number Suffix
74LVC2G34W6-7
W6
SOT26
3000/Tape & Reel
-7
74LVC2G34DW-7
DW
SOT363
3000/Tape & Reel
-7
74LVC2G34FW4-7
FW4
DFN1010
5000/Tape & Reel
-7
Notes:
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf
6. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf
Marking Information
(1) SOT26, SOT363
Part Number
Package
Identification Code
74LVC2G34W6
SOT26
Z7
74LVC2G34DW
SOT363
Z7
(2) DFN1010
Part Number
Package
Identification Code
74LVC2G34FW4
DFN1010
Z7


Similar Part No. - 74LVC2G34DW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
   DUAL BUFFER GATE
2004 Sep 10
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
74LVC2G34 NXP-74LVC2G34 Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
74LVC2G34-Q100 NEXPERIA-74LVC2G34-Q100 Datasheet
204Kb / 12P
   Dual buffer gate
More results

Similar Description - 74LVC2G34DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
92Kb / 7P
   Dual Buffer
March, 2008 - Rev. 0
NL27WZ16 ONSEMI-NL27WZ16_V01 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com