Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL9910_1106 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AL9910_1106
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910_1106 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AL9910_1106 Datasheet HTML 6Page - Diodes Incorporated AL9910_1106 Datasheet HTML 7Page - Diodes Incorporated AL9910_1106 Datasheet HTML 8Page - Diodes Incorporated AL9910_1106 Datasheet HTML 9Page - Diodes Incorporated AL9910_1106 Datasheet HTML 10Page - Diodes Incorporated AL9910_1106 Datasheet HTML 11Page - Diodes Incorporated AL9910_1106 Datasheet HTML 12Page - Diodes Incorporated AL9910_1106 Datasheet HTML 13Page - Diodes Incorporated AL9910_1106 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AL9910/AL9910A/AL9910-5
UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED
DRIVER
AL9910/AL9910A/AL9910-5
Document number: DS 35103 Rev. 3 - 2
10 of 15
www.diodes.com
June 2011
© Diodes Incorporated
Applications Information (Continued)
AC/DC Off-Line LED driver
The AL9910 is a cost-effective off-line buck LED driver-controller specifically designed for driving LED strings. It is suitable for
being used with either rectified AC line or any DC voltage between 15-500V. See figure 3 for typical circuit.
Fig. 3 Typical Application Circuit (without PFC)
Buck design equations:
=
D
IN
LEDs
V
V
osc
ON
f
D
t
=
L
LED
ON
LEDs
IN
I
3
.
0
t
)
V
V
(
×
×
=
SENSE
R
))
3
.
0
I
(
5
.
0
(
I
25
.
0
LED
LED
×
×
+
where ILED x 0.3 = IRIPPLE
Design example
For an AC line voltage of 120V the nominal rectified input voltage VIN = 120V*1.41 = 169V. From this and the LED chain
voltage the duty cycle can be determined:
D = VLEDs /VIN = 30/169 = 0.177
From the switching frequency, for example fOSC = 50kHz, the required on-time of the external MOSFET can be calculated:
tON = D/fOSC = 3.5 µs
The value of the inductor is determined as follows:
L = (VIN - VLEDs) * tON /(0.3 * ILED) = 4.6mH
R
SENSE
AL9910/A
GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
LED +
LED -
V
AC IN
Q1
L1
D1
C1
R
OSC
C2
C3
BR1
R
SENSE
AL9910/A
GATE
CS
LD
PWM_D
GND
R
OSC
V
DD
V
IN
LED +
LED -
V
AC IN
Q1
L1
D1
C1
R
OSC
C2
C3
BR1


Similar Part No. - AL9910_1106

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910 DIODES-AL9910_12 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
More results

Similar Description - AL9910_1106

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL9910 DIODES-AL9910 Datasheet
221Kb / 14P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
AL9910 DIODES-AL9910_12 Datasheet
556Kb / 16P
   UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
   Universal High-Brightness LED Driver
01/27/15
logo
Supertex, Inc
HV9910 SUTEX-HV9910_07 Datasheet
578Kb / 8P
   Universal High Brightness LED Driver
logo
Microchip Technology
HV9910C MICROCHIP-HV9910C Datasheet
363Kb / 18P
   Universal High-Brightness LED Driver
03/25/14
logo
Bookly Micro electronic
BM0550HV BOOKLY-BM0550HV Datasheet
218Kb / 5P
   Universal High Brightness LED Driver
logo
Integrated Silicon Solu...
IS31LT3910 ISSI-IS31LT3910 Datasheet
290Kb / 8P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER
logo
SYNC POWER Crop.
SP6801 SYNC-POWER-SP6801 Datasheet
98Kb / 6P
   Universal High Brightness LED Driver
logo
Supertex, Inc
HV9910B SUTEX-HV9910B Datasheet
740Kb / 8P
   Universal High Brightness LED Driver
logo
Cystech Electonics Corp...
HV9910Q8 CYSTEKEC-HV9910Q8 Datasheet
230Kb / 7P
   Universal High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com