Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X2-DFN1006-3 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # X2-DFN1006-3
Description  SUGGESTED PAD LAYOUT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

X2-DFN1006-3 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button X2-DFN1006-3 Datasheet HTML 5Page - Diodes Incorporated X2-DFN1006-3 Datasheet HTML 6Page - Diodes Incorporated X2-DFN1006-3 Datasheet HTML 7Page - Diodes Incorporated X2-DFN1006-3 Datasheet HTML 8Page - Diodes Incorporated X2-DFN1006-3 Datasheet HTML 9Page - Diodes Incorporated X2-DFN1006-3 Datasheet HTML 10Page - Diodes Incorporated X2-DFN1006-3 Datasheet HTML 11Page - Diodes Incorporated X2-DFN1006-3 Datasheet HTML 12Page - Diodes Incorporated X2-DFN1006-3 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 43
9 of 14
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
SOD323F
Dimensions
Value (in mm)
X
0.710
X1
2.700
Y
0.403
SOP-14
Dimensions Value (in mm)
X
0.60
Y
1.50
C1
5.4
C2
1.27
SOP-16
Dimensions
Value (in mm)
X
0.60
Y
1.50
C1
5.4
C2
1.27
X1
Y (2x)
X (2x)
X
C1
C2
Y
X
C1
C2
Y


Similar Part No. - X2-DFN1006-3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
X2-DFN1006-3 DIODES-X2-DFN1006-3 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
X2-DFN1006-3 DIODES-X2-DFN1006-3 Datasheet
1Mb / 51P
   PACKAGE OUTLINE DIMENSIONS
More results

Similar Description - X2-DFN1006-3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP02001 DIODES-AP02001 Datasheet
174Kb / 12P
   SUGGESTED PAD LAYOUT
AP02001 Rev. 38
AP02001 DIODES-AP02001_12 Datasheet
404Kb / 27P
   SUGGESTED PAD LAYOUT
logo
All Sensors Corporation
EGBD ASC-EGBD Datasheet
42Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P1NR ASC-P1NR Datasheet
228Kb / 1P
   For suggested pad layout, see drawing: PAD-01
P2NQ ASC-P2NQ Datasheet
207Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CFFS ASC-CFFS Datasheet
275Kb / 1P
   For suggested pad layout, see drawing: PAD-01
CPFR ASC-CPFR Datasheet
290Kb / 1P
   For suggested pad layout, see drawing: PAD-01
EGNL ASC-EGNL Datasheet
39Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNQ ASC-PTNQ Datasheet
250Kb / 1P
   For suggested pad layout, see drawing: PAD-01
PTNR ASC-PTNR Datasheet
238Kb / 1P
   For suggested pad layout, see drawing: PAD-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com