Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857BLP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC857BLP
Description  50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857BLP Datasheet(HTML) 3 Page - Diodes Incorporated

  BC857BLP_11 Datasheet HTML 1Page - Diodes Incorporated BC857BLP_11 Datasheet HTML 2Page - Diodes Incorporated BC857BLP_11 Datasheet HTML 3Page - Diodes Incorporated BC857BLP_11 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC857BLP
Document number: DS30526 Rev. 10 - 2
3 of 4
www.diodes.com
February 2011
© Diodes Incorporated
BC857BLP
0
150
100
50
200
250
300
350
1
100
10
I , COLLECTOR CURRENT (mA)
Fig. 3 Typical Collector-Emitter Saturation
Voltage vs. Collector Current
C
I , COLLECTOR CURRENT (mA)
Fig. 4
C
Typical Base-Emitter Turn-On Voltage
vs. Collector Current
V
= 5V
CE
T = -55ºC
A
T = 150ºC
A
T = 125ºC
A
T = 25ºC
A
T = 85ºC
A
I , COLLECTOR CURRENT (mA)
Fig. 5
C
Typical Base-Emitter Saturation Voltage
vs. Collector Current
1100
10
Package Outline Dimensions
DFN1006-3
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3
0.40
All Dimensions in mm
L2
A1
E
b2
L1
L3
D
e
b1
A


Similar Part No. - BC857BLP_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857BLP DIODES-BC857BLP_1 Datasheet
136Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC857BLP DIODES-BC857BLP_15 Datasheet
386Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
More results

Similar Description - BC857BLP_11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DP0150ALP4 DIODES-DP0150ALP4_11 Datasheet
96Kb / 5P
   50V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DN0150ALP4 DIODES-DN0150ALP4_11 Datasheet
97Kb / 5P
   50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
2DC2412R DIODES-2DC2412R_V01 Datasheet
195Kb / 6P
   50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2
2DC4617QLP DIODES-2DC4617QLP_11 Datasheet
136Kb / 5P
   50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
2DC2412R DIODES-2DC2412R_15 Datasheet
190Kb / 6P
   50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com