Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7362-10 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7362-10
Description  1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7362-10 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7362-10 Datasheet HTML 1Page - Diodes Incorporated AP7362-10 Datasheet HTML 2Page - Diodes Incorporated AP7362-10 Datasheet HTML 3Page - Diodes Incorporated AP7362-10 Datasheet HTML 4Page - Diodes Incorporated AP7362-10 Datasheet HTML 5Page - Diodes Incorporated AP7362-10 Datasheet HTML 6Page - Diodes Incorporated AP7362-10 Datasheet HTML 7Page - Diodes Incorporated AP7362-10 Datasheet HTML 8Page - Diodes Incorporated AP7362-10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP7362
1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT
ULTRA-LOW DROPOUT LINEAR REGULATOR
AP7362
Document number: DS35058 Rev. 2 - 2
3 of 13
www.diodes.com
June 2011
© Diodes Incorporated
Absolute Maximum Ratings (Note 2)
Symbol
Parameter
Ratings
Unit
ESD HBM
Human Body Model ESD Protection
2000
V
ESD MM
Machine Model ESD Protection
200
V
VIN
Input Voltage
-0.3 to 6.0
V
VOUT, VEN
OUT, EN Voltage
-0.3V to VIN + 0.3
V
IOUT
Continuous Load Current
Internal Limited
TST
Storage Temperature Range
-65 to 150
°C
TJ
Maximum Junction Temperature
150
°C
Notes:
2. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
Ratings only, and functional operation of the device at these or any other conditions beyond those indicated is not implied.
Exposure to absolute-maximum rated conditions for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input voltage
2.7
5.5
V
IOUT
Output Current
0
1.5
A
TA
Operating Ambient Temperature
-40
85
°C
TJ
Operating Junction Temperature (Note 3)
-40
125
°C
Notes:
3. Operating junction temperature must be evaluated and derated as needed, based on ambient temperature (TA), power dissipation
(PD), maximum allowable operating junction temperature (TJ-MAX), and package thermal resistance (θJA).


Similar Part No. - AP7362-10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7361 DIODES-AP7361 Datasheet
326Kb / 15P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
DS33626 Rev. 1 - 2
AP7361-10 DIODES-AP7361-10 Datasheet
897Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
AP7361-10D DIODES-AP7361-10D Datasheet
531Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
AP7361-12 DIODES-AP7361-12 Datasheet
897Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
AP7361-15 DIODES-AP7361-15 Datasheet
897Kb / 22P
   1A LOW DROPOUT ADJUSTABLE AND FIXED-MODE REGULATOR WITH ENABLE
More results

Similar Description - AP7362-10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7363 DIODES-AP7363 Datasheet
299Kb / 14P
   1.5A, LOW QUIESCENT CURRENT, FAST TRANSIENT ULTRA-LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 DIODES-AP133 Datasheet
970Kb / 14P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7333 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
   300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com