Selected language     English  ▼


U-DFN1616-6 Datasheet(PDF) 5 Page - Diodes Incorporated

Part No. U-DFN1616-6
Description  SUGGESTED PAD LAYOUT
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

 
 5 page
background image
ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS
Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application.
These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave
soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming
Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97.
AP02001 Rev. 43
5 of 14
www.diodes.com
Suggested Pad Layout
© Diodes Incorporated
W-DFN3020-8
Type B
Dimensions Value (in mm)
C
0.650
G
0.285
G1
0.090
X
0.400
X1
1.120
Y
0.730
Y1
0.500
Y2
0.365
U-DFN3030-4
U-DFN3030-8
Dimensions
Value (in mm)
C
1.300
G1
0.100
G2
0.150
G3
0.830
G4
0.115
G5
0.135
G6
0.170
G7
0.500
G8
0.500
R
0.150
X
0.500
X1
1.375
X2
1.225
X3
1.175
Y
1.980
Y1
1.015
Y2
0.715
Y3
0.650
Dimensions Value (in mm)
Z
2.59
G
0.11
X1
2.49
X2
0.65
Y
0.39
C
0.65
U-DFN3030-8
Type E
Dimensions
Value (in mm)
C
0.65
C1
2.35
X
0.30
Y
0.65
Y1
1.60
Y2
2.75
C
X1
G1
X
Y1
Y
Y2
G
Y
X (4x)
C
Y3 (2x)
Y2
Y1
G1
G3
G4
R
G7
G8
X3
G5
X1
X2
G2
G6
Z
G
X1
X2
YC
Y
(x8)
X (x8)
C
C1
Y1
Y2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl