Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP54 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCP54
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP54 Datasheet(HTML) 1 Page - Diodes Incorporated

  BCP54 Datasheet HTML 1Page - Diodes Incorporated BCP54 Datasheet HTML 2Page - Diodes Incorporated BCP54 Datasheet HTML 3Page - Diodes Incorporated BCP54 Datasheet HTML 4Page - Diodes Incorporated BCP54 Datasheet HTML 5Page - Diodes Incorporated BCP54 Datasheet HTML 6Page - Diodes Incorporated BCP54 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCP 54 / 55 / 56
Datasheet Number: DS35367 Rev. 2 – 2
1 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCP 54 / 55 / 56
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Features
IC = 1A Continuous Collector Current
Low Saturation Voltage VCE(sat) < 500mV @ 0.5A
Gain groups 10 and 16
Epitaxial Planar Die Construction
Complementary PNP types: BCP51, 52 and 53
Lead-Free, RoHS Compliant (Note 1)
Halogen and Antimony Free. “Green” Devices (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT223
Case Material: Molded Plastic, “Green” Molding
Compound (Note 2)
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish
Weight: 0.112 grams (Approximate)
Applications
Medium Power Switching or Amplification Applications
AF driver and output stages
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BCP54TA
BCP 54
7
12
1,000
BCP5410TA
BCP 5410
7
12
1,000
BCP5416TA
BCP 5416
7
12
1,000
BCP55TA
BCP 55
7
12
1,000
BCP5510TA
BCP 5510
7
12
1,000
BCP5516TA
BCP 5516
7
12
1,000
BCP56TA
BCP 56
7
12
1,000
BCP5610TA
BCP 5610
7
12
1,000
BCP5616TA
BCP 5616
7
12
1,000
BCP5616TC
BCP 5616
13
12
4,000
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website http://www.diodes.com
Marking Information
C
E
B
BCP = Product Type Marking Code, Line 1.
XXXX = Product Type Marking Code, Line 2 as follows:
BCP54
= 54
BCP55
= 55
BCP56
= 56
BCP5410 = 5410
BCP5510 = 5510
BCP5610 = 5610
BCP5416 = 5416
BCP5516 = 5516
BCP5616 = 5616
Top View
Device Symbol
SOT223
Top View
Pin-Out
C
C
B
E
xxxx
BCP


Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
logo
Nexperia B.V. All right...
BCP54 NEXPERIA-BCP54 Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
SHENZHEN YONGERJIA INDU...
BCP54 WINNERJOIN-BCP54 Datasheet
186Kb / 3P
   TRANSISTOR (NPN)
More results

Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP41 ZETEX-BSP41 Datasheet
47Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP40 ZETEX-BSP40 Datasheet
47Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FZT604 ZETEX-FZT604 Datasheet
70Kb / 3P
   SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
FZT491ATA DIODES-FZT491ATA Datasheet
212Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
BCP54_55_56 DIODES-BCP54_55_56_15 Datasheet
430Kb / 7P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
BCP5416Q DIODES-BCP5416Q Datasheet
395Kb / 8P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
August 2021 Rev. 5 - 2
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
   400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
FZT489TA DIODES-FZT489TA Datasheet
227Kb / 7P
   30V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com