Electronic Components Datasheet Search |
|
BCX54 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
BCX54 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 7 page BCX 54 / 55 / 56 Datasheet Number: DS35369 Rev. 2 – 2 1 of 7 www.diodes.com June 2011 © Diodes Incorporated BCX 54 / 55 / 56 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89 Features • Ic = 1A Continuous Collector Current • Low Saturation Voltage VCE(sat) < 500mV @ 0.5A • Gain groups 10 and 16 • Epitaxial Planar Die Construction • Complementary PNP types: BCX51, 52 and 53 • Lead-Free, RoHS Compliant (Note 1) • Halogen and Antimony Free. “Green” Devices (Note 2) • Qualified to AEC-Q101 Standards for High Reliability Mechanical Data • Case: SOT89 • Case Material: Molded Plastic, “Green” Molding Compound (Note 2) • UL Flammability Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Terminals: Matte Tin Finish • Weight: 0.072 grams (Approximate) Applications • Medium Power Switching or Amplification Applications • AF driver and output stages Ordering Information (Note 3) Product Marking Reel size (inches) Tape width (mm) Quantity per reel BCX54TA BA 7 12 1,000 BCX5410TA BC 7 12 1,000 BCX5416TA BD 7 12 1,000 BCX55TA BE 7 12 1,000 BCX5510TA BG 7 12 1,000 BCX5516TA BM 7 12 1,000 BCX56TA BH 7 12 1,000 BCX5610TA BK 7 12 1,000 BCX5616TA BL 7 12 1,000 BCX5316TC BL 13 12 4,000 Notes: 1. No purposefully added lead. 2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com 3. For packaging details, go to our website http://www.diodes.com Marking Information xx = Product Type Marking Code, as follows: BCX54 = BA BCX55 = BE BCX56 = BH BCX5410 = BC BCX5510 = BG BCX5610 = BK BCX5416 = BD BCX5516 = BM BCX5616 = BL Top View Device Symbol Top View Pin-Out SOT89 C E C B C E B xx |
Similar Part No. - BCX54 |
|
Similar Description - BCX54 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |