Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX5110TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCX5110TA
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX5110TA Datasheet(HTML) 1 Page - Diodes Incorporated

  BCX5110TA Datasheet HTML 1Page - Diodes Incorporated BCX5110TA Datasheet HTML 2Page - Diodes Incorporated BCX5110TA Datasheet HTML 3Page - Diodes Incorporated BCX5110TA Datasheet HTML 4Page - Diodes Incorporated BCX5110TA Datasheet HTML 5Page - Diodes Incorporated BCX5110TA Datasheet HTML 6Page - Diodes Incorporated BCX5110TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BCX 51 / 52 / 53
Datasheet Number: DS35368 Rev. 2 – 2
1 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCX 51 / 52 / 53
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
Features
IC = -1A Continuous Collector Current
Low Saturation Voltage VCE(sat) < -500mV @ -0.5A
Gain groups 10 and 16
Epitaxial Planar Die Construction
Complementary NPN types: BCX54, 55, and 56
Lead-Free, RoHS Compliant (Note 1)
Halogen and Antimony Free. “Green” Devices (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT89
Case Material: Molded Plastic, “Green” Molding
Compound (Note 2)
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish
Weight: 0.072 grams (Approximate)
Applications
Medium Power Switching or Amplification Applications
AF driver and output stages
Ordering Information (Note 3)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
BCX51TA
AA
7
12
1,000
BCX5110TA
AC
7
12
1,000
BCX5116TA
AD
7
12
1,000
BCX52TA
AE
7
12
1,000
BCX5210TA
AG
7
12
1,000
BCX5216TA
AM
7
12
1,000
BCX53TA
AH
7
12
1,000
BCX5310TA
AK
7
12
1,000
BCX5316TA
AL
7
12
1,000
BCX5316TC
AL
13
12
4,000
BCX5316-13R
AL
13
12
4,000
Notes:
1. No purposefully added lead.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website http://www.diodes.com
Marking Information
xx = Product Type Marking Code, as follows:
BCX51
= AA
BCX52
= AE
BCX53
= AH
BCX5110 = AC
BCX5210 = AG
BCX5310 = AK
BCX5116 = AD
BCX5316 = AM
BCX5316 = AL
C
E
B
Top View
Device Symbol
Top View
Pin-Out
SOT89
C
E
C
B
xx


Similar Part No. - BCX5110TA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX51 PHILIPS-BCX51 Datasheet
42Kb / 8P
   PNP medium power transistors
1999 Apr 19
logo
WILLAS ELECTRONIC CORP
BCX51 WILLAS-BCX51 Datasheet
369Kb / 3P
   SOT-89 Plastic-Encapsulate Transistors
logo
First Silicon Co., Ltd
BCX51 FS-BCX51 Datasheet
312Kb / 4P
   TRANSISTOR (PNP)
logo
Siemens Semiconductor G...
BCX51 SIEMENS-BCX51 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
NXP Semiconductors
BCX51 NXP-BCX51 Datasheet
242Kb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
More results

Similar Description - BCX5110TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BSR31 DIODES-BSR31 Datasheet
27Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FEBRUARY 1996
logo
SHIKUES Electronics
BCX51 SKTECHNOLGY-BCX51 Datasheet
1Mb / 4P
   PNP Silcon Planar Medium Power Transistors In SOT89
logo
Diodes Incorporated
BCX56-16TA DIODES-BCX56-16TA Datasheet
231Kb / 6P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX54 DIODES-BCX54 Datasheet
146Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT89
BCX51_52_53 DIODES-BCX51_52_53_15 Datasheet
374Kb / 7P
   PNP MEDIUM POWER TRANSISTORS IN SOT89
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com