Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP5610TA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BCP5610TA
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP5610TA Datasheet(HTML) 4 Page - Diodes Incorporated

  BCP5610TA Datasheet HTML 1Page - Diodes Incorporated BCP5610TA Datasheet HTML 2Page - Diodes Incorporated BCP5610TA Datasheet HTML 3Page - Diodes Incorporated BCP5610TA Datasheet HTML 4Page - Diodes Incorporated BCP5610TA Datasheet HTML 5Page - Diodes Incorporated BCP5610TA Datasheet HTML 6Page - Diodes Incorporated BCP5610TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BCP 54 / 55 / 56
Datasheet Number: DS35367 Rev. 2 – 2
4 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCP 54 / 55 / 56
Electrical Characteristics @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base
Breakdown Voltage
BCP54
BVCBO
45
-
-
V
IC = 100µA
BCP55
60
BCP56
100
Collector-Emitter
Breakdown Voltage (Note 6)
BCP54
BVCEO
45
-
-
V
IC = 10mA
BCP55
60
BCP56
80
Emitter-Base Breakdown Voltage
BVEBO
5
-
-
V
IE = 10µA
Collector Cut-off Current
ICBO
-
-
0.1
20
µ
A
VCB = 30V
VCB = 30V, TA = 150°C
Emitter Cut-off Current
IEBO
-
-
20
nA
VEB = 4V
Static Forward Current Transfer Ratio (Note 6)
All versions
hFE
25
40
25
-
-
-
-
250
-
IC = 5mA, VCE = 2V
IC = 150mA, VCE = 2V
IC = 500mA, VCE = 2V
10 gain grp
63
-
160
IC = 150mA, VCE = 2V
16 gain grp
100
-
250
IC = 150mA, VCE = 2V
Collector-Emitter Saturation Voltage (Note 6)
VCE(sat)
-
-
0.5
V
IC = 500mA, IB = 50mA
Base-Emitter Turn-On Voltage (Note 6)
VBE(on)
-
-
1.0
V
IC = 500mA, VCE = 2V
Transition Frequency
fT
150
-
-
MHz
IC = 50mA, VCE = 10V
f = 100MHz
Output Capacitance
Cobo
-
-
25
pF
VCB = 10V, f = 1MHz
Notes:
6. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.
0
0.2
0.4
0.6
0.8
0
123
45
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 1 Typical Collector Current
vs. Collector-Emitter Voltage
Fig. 2 Typical DC Current Gain vs. Collector Current
0
50
100
150
200
250
0.001
0.01
0.1
110
I , COLLECTOR CURRENT (A)
C


Similar Part No. - BCP5610TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCP5610Q DIODES-BCP5610Q Datasheet
444Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP5610QTA DIODES-BCP5610QTA Datasheet
444Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP5610QTA DIODES-BCP5610QTA Datasheet
557Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP5610QTC DIODES-BCP5610QTC Datasheet
444Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
BCP5610QTC DIODES-BCP5610QTC Datasheet
557Kb / 7P
   80V NPN MEDIUM POWER TRANSISTOR IN SOT223
March 2019 Rev. 2 - 2
More results

Similar Description - BCP5610TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSP41 ZETEX-BSP41 Datasheet
47Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
BSP40 ZETEX-BSP40 Datasheet
47Kb / 1P
   SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
FZT604 ZETEX-FZT604 Datasheet
70Kb / 3P
   SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
logo
Diodes Incorporated
BCP51 DIODES-BCP51 Datasheet
116Kb / 7P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
FZT491ATA DIODES-FZT491ATA Datasheet
212Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
BCP54_55_56 DIODES-BCP54_55_56_15 Datasheet
430Kb / 7P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
BCP5416Q DIODES-BCP5416Q Datasheet
395Kb / 8P
   NPN MEDIUM POWER TRANSISTORS IN SOT223
August 2021 Rev. 5 - 2
FZT694B DIODES-FZT694B Datasheet
111Kb / 2P
   SOT223 NPN SILICON PLANAR MEDIUM
FZT458TA DIODES-FZT458TA Datasheet
272Kb / 7P
   400V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
FZT489TA DIODES-FZT489TA Datasheet
227Kb / 7P
   30V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com