Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3232S Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS3232S
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232S Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS3232S Datasheet HTML 3Page - Maxim Integrated Products DS3232S Datasheet HTML 4Page - Maxim Integrated Products DS3232S Datasheet HTML 5Page - Maxim Integrated Products DS3232S Datasheet HTML 6Page - Maxim Integrated Products DS3232S Datasheet HTML 7Page - Maxim Integrated Products DS3232S Datasheet HTML 8Page - Maxim Integrated Products DS3232S Datasheet HTML 9Page - Maxim Integrated Products DS3232S Datasheet HTML 10Page - Maxim Integrated Products DS3232S Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
_____________________________________________________________________
7
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VCC (V)
5.3
4.8
4.3
2.8
3.3
3.8
50
100
150
125
75
25
0
2.3
RST ACTIVE
SCL = SDA = VCC
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
VBAT (V)
5.3
4.8
4.3
2.8
3.3
3.8
800
900
1000
950
850
750
700
2.3
VCC = 0V
BB32kHz = 0
BBSQW = 0
BSY = 0
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
-20
020
0.700
0.800
0.900
0.600
-40
VCC = 0V
BB32kHz = 0
VBAT = 3.4V
VBAT = 3.0V
FREQUENCY DEVIATION
vs. TEMPERATURE vs. AGING
TEMPERATURE (
°C)
80
60
40
-20
020
35
25
15
5
-5
-15
-25
-35
75
65
55
45
-45
-40
AGING = -128
AGING = -33
AGING = +127
AGING = 0
AGING = +32
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
DELTA TIME AND FREQUENCY
vs. TEMPERATURE
TEMPERATURE (
°C)
80
70
50 60
-10 0 10 20 30 40
-30 -20
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
20
-200
-80
-60
-40
-20
0
-100
-40
DS3232 toc05
CRYSTAL
+20ppm
CRYSTAL
-20ppm
TYPICAL CRYSTAL,
UNCOMPENSATED
DS3232
ACCURACY
BAND


Similar Part No. - DS3232S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232S MAXIM-DS3232S Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232S- MAXIM-DS3232S- Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232SN MAXIM-DS3232SN Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232SN- MAXIM-DS3232SN- Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
More results

Similar Description - DS3232S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_08 Datasheet
276Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 4; 10/08
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3234 MAXIM-DS3234_10 Datasheet
282Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3234 MAXIM-DS3234_07 Datasheet
292Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 1; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com