Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12F200A Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # D12F200A
Description  4.5V~13.8Vin, 0.6V~5.0Vout, 40A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12F200A Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button D12F200A Datasheet HTML 2Page - Delta Electronics, Inc. D12F200A Datasheet HTML 3Page - Delta Electronics, Inc. D12F200A Datasheet HTML 4Page - Delta Electronics, Inc. D12F200A Datasheet HTML 5Page - Delta Electronics, Inc. D12F200A Datasheet HTML 6Page - Delta Electronics, Inc. D12F200A Datasheet HTML 7Page - Delta Electronics, Inc. D12F200A Datasheet HTML 8Page - Delta Electronics, Inc. D12F200A Datasheet HTML 9Page - Delta Electronics, Inc. D12F200A Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS_D12F200_11042008
6
ELECTRICAL CHARACTERISTICS CURVES (CONTINUED)
Figure 19: Transient Response at 12Vin, 0.9V/40A out (1mS/div)
Ch1: Vo, Ch2: Io, 10A/div
Figure 20: Transient Response at 12Vin, 1.2V/40A out (1mS/div)
Ch1: Vo, Ch2: Io, 10A/div
Figure 21: Transient Response at 12Vin, 1.8V/40A out (1mS/div)
Ch1: Vo, Ch2: Io, 10A/div
Figure 22: Transient Response at 12Vin, 2.5V/40A out (1mS/div)
Ch1: Vo, Ch2: Io, 10A/div
Figure 23: Transient Response at 12Vin, 3.3V/40A out (1mS/div)
Ch1: Vo, Ch2: Io, 10A/div
Figure 24: Transient Response at 12Vin, 5.0V/40A out (1mS/div)
Ch1: Vo, Ch2: Io, 10A/div


Similar Part No. - D12F200A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12F200E DELTA-D12F200E Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
More results

Similar Description - D12F200A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S300-1 DELTA-D12S300-1 Datasheet
656Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 60A
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
D12S05020 DELTA-D12S05020 Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S300-1E DELTA-D12S300-1E Datasheet
947Kb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5Vout, 60A
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
logo
Diodes Incorporated
ZXRE160_V1 DIODES-ZXRE160_V1 Datasheet
383Kb / 2P
   ZXRE160 0.6V Shunt Regulator
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com