Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12F200B Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # D12F200B
Description  4.5V~13.8Vin, 0.6V~5.0Vout, 40A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12F200B Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  D12F200B Datasheet HTML 1Page - Delta Electronics, Inc. D12F200B Datasheet HTML 2Page - Delta Electronics, Inc. D12F200B Datasheet HTML 3Page - Delta Electronics, Inc. D12F200B Datasheet HTML 4Page - Delta Electronics, Inc. D12F200B Datasheet HTML 5Page - Delta Electronics, Inc. D12F200B Datasheet HTML 6Page - Delta Electronics, Inc. D12F200B Datasheet HTML 7Page - Delta Electronics, Inc. D12F200B Datasheet HTML 8Page - Delta Electronics, Inc. D12F200B Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
DS_D12F200_11042008
3
ELECTRICAL CHARACTERISTICS CURVES
60
65
70
75
80
85
90
0
5
10
15
20
25
30
35
40
Output Current, Io (A)
5Vin
12Vin
13.8Vin
65
70
75
80
85
90
95
0
5
10
15
20
25
30
35
40
Output Current, Io (A)
5Vin
12Vin
13.8Vin
Figure 1: Converter efficiency vs. output current
(0.9V output voltage, 5V&12V input)
Figure 2: Converter efficiency vs. output current
(1.2V output voltage, 5V&12V input)
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
40
Output Current, Io (A)
5Vin
12Vin
13.8Vin
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
40
Output Current, Io (A)
5Vin
12Vin
13.8Vin
Figure 3: Converter efficiency vs. output current
(1.8V output voltage, 5V&12V input)
Figure 4: Converter efficiency vs. output current
(2.5V output voltage, 5V&12V input)
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
40
Output Current, Io (A)
7Vin
12Vin
13.8Vin
70
75
80
85
90
95
100
0
5
10
15
20
25
30
35
40
Output Current, Io (A)
9Vin
12Vin
13.8Vin
Figure 5: Converter efficiency vs. output current
(3.3V output voltage, 12V input)
Figure 6: Converter efficiency vs. output current
(5.0V output voltage, 12V input)


Similar Part No. - D12F200B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12F200E DELTA-D12F200E Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
More results

Similar Description - D12F200B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S300-1 DELTA-D12S300-1 Datasheet
656Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 60A
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
D12S05020 DELTA-D12S05020 Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S300-1E DELTA-D12S300-1E Datasheet
947Kb / 13P
   D/E Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5Vout, 60A
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
logo
Diodes Incorporated
ZXRE160_V1 DIODES-ZXRE160_V1 Datasheet
383Kb / 2P
   ZXRE160 0.6V Shunt Regulator
ZXRE060 DIODES-ZXRE060 Datasheet
396Kb / 10P
   0.6V ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com