Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SP Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # E48SP
Description  48V in, 12V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SP Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button E48SP Datasheet HTML 6Page - Delta Electronics, Inc. E48SP Datasheet HTML 7Page - Delta Electronics, Inc. E48SP Datasheet HTML 8Page - Delta Electronics, Inc. E48SP Datasheet HTML 9Page - Delta Electronics, Inc. E48SP Datasheet HTML 10Page - Delta Electronics, Inc. E48SP Datasheet HTML 11Page - Delta Electronics, Inc. E48SP Datasheet HTML 12Page - Delta Electronics, Inc. E48SP Datasheet HTML 13Page - Delta Electronics, Inc. E48SP Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DS_E48SP12020_08022010
10
THERMAL CURVES
(WITHOUT HEAT SPREADER)
Figure 18: Temperature measurement location
* The allowed maximum hot spot temperature is defined at 122
E48SP12020(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation)
0
2
4
6
8
10
12
14
16
18
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current (A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 19: Output current vs. ambient temperature and air
velocity @Vin=48V(Transverse Orientation, without heat
spreader)
THERMAL CURVES
(WITH HEAT SPREADER)
Figure 20: Temperature measurement location
* The allowed maximum hot spot temperature is defined at 110
E48SP12020(Standard) Output Current vs. Ambient Temperature and Air Velocity
@Vin = 48V (Transverse Orientation,With Heatspreader)
0
2
4
6
8
10
12
14
16
18
20
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current (A)
Natural
Convection
100LFM
200LFM
300LFM
400LFM
500LFM
600LFM
Figure 21: Output current vs. ambient temperature and air velocity
@Vin=48V(Transverse Orientation, with heat spreader)


Similar Part No. - E48SP

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
E48SP12020NMFA DELTA-E48SP12020NMFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NMFB DELTA-E48SP12020NMFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NMFH DELTA-E48SP12020NMFH Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NNFA DELTA-E48SP12020NNFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
More results

Similar Description - E48SP

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
   Bus Converter 48V Input / 12V Output / 20A
logo
Delta Electronics, Inc.
E48SP3R340 DELTA-E48SP3R340 Datasheet
462Kb / 13P
   48V in, 3.3V, 40A out
E48SP3R360 DELTA-E48SP3R360 Datasheet
525Kb / 15P
   48V in, 3.3V, 60A out
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
Q48SH12033 DELTA-Q48SH12033 Datasheet
442Kb / 13P
   400W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/33A out
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com