Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D12S05020-1B Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # D12S05020-1B
Description  4.5V~13.2Vin, 0.59V~5.0Vout, 20A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S05020-1B Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button D12S05020-1B Datasheet HTML 4Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 5Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 6Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 7Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 8Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 9Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 10Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 11Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DS_D12S05020_10282008
9
THERMAL CURVES
Figure 31: Temperature measurement location* The allowed
maximum hot spot temperature is defined at 125
D12S05020-1 B Output Current vs. Ambient Temperature and Air Velocity
@ Vin =12V, Vout =5V (Worse Orientation)
0
5
10
15
20
25
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current (A)
200LFM
500LFM
100LFM
300LFM
400LFM
Natural
Convection
Figure 32: Output current vs. ambient temperature and air
velocity @Vin=12V, Vout=5.0V (Worst Orientation)
D12S05020-1 B Output Current vs. Ambient Temperature and Air Velocity
@ Vin =12V, Vout =3.3V (Worse Orientation)
0
5
10
15
20
25
25
35
45
55
65
75
85
Ambient Temperature (℃)
Output Current (A)
100LFM
400LFM
200LFM
300LFM
Natural
Convection
Figure 33: Output current vs. ambient temperature and air
velocity@ Vin=12V, Vout=3.3V (Worst Orientation)
THERMAL CONSIDERATION
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
12.7 (0.5”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Note: Wind tunnel test setup figure dimensions are in
millimeters and (Inches)


Similar Part No. - D12S05020-1B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020-1B DELTA-D12S05020-1B Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1B DELTA-D12S05020-1B Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S05020-1B DELTA-D12S05020-1B Datasheet
722Kb / 12P
   Fixed frequency operation
More results

Similar Description - D12S05020-1B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S300-1 DELTA-D12S300-1 Datasheet
656Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 60A
D12F200 DELTA-D12F200 Datasheet
623Kb / 13P
   4.5V~13.8Vin, 0.6V~5.0Vout, 40A
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
logo
Power-One
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
logo
Delta Electronics, Inc.
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com