Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E48SP12020NRFA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # E48SP12020NRFA
Description  48V in, 12V/20A out
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

E48SP12020NRFA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  E48SP12020NRFA Datasheet HTML 1Page - Delta Electronics, Inc. E48SP12020NRFA Datasheet HTML 2Page - Delta Electronics, Inc. E48SP12020NRFA Datasheet HTML 3Page - Delta Electronics, Inc. E48SP12020NRFA Datasheet HTML 4Page - Delta Electronics, Inc. E48SP12020NRFA Datasheet HTML 5Page - Delta Electronics, Inc. E48SP12020NRFA Datasheet HTML 6Page - Delta Electronics, Inc. E48SP12020NRFA Datasheet HTML 7Page - Delta Electronics, Inc. E48SP12020NRFA Datasheet HTML 8Page - Delta Electronics, Inc. E48SP12020NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS_E48SP12020_08022010
3
ELECTRICAL CHARACTERISTICS CURVES
86
87
88
89
90
91
92
93
94
95
96
2
4
6
8
10
12
14
16
18
20
Output Current(A)
36V
48V
75V
0
2
4
6
8
10
12
14
16
18
20
02468
10
12
14
16
18
20
Output Current(A)
36V
48V
75V
Figure 1: Efficiency vs. load current for minimum, nominal, and
maximum input voltage at 25°C
Figure 2: Power dissipation vs. load current for minimum, nominal,
and maximum input voltage at 25°C
0
1
2
3
4
5
6
7
8
30 32 34 36 38 40 42 44 46 48 50 52 54 56 58 60 62 64 66 68 70 72 74 76
Input voltage(V)
0
3
6
9
12
15
0
5
10
15
20
25
30
Output Current(A)
Figure 3: Typical full load input characteristics at room
temperature
Figure 4: Output voltage regulation vs load current showing typical
current limit curves and converter shutdown points for minimum,
nominal, and maximum input voltage at room temperature


Similar Part No. - E48SP12020NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Fixed frequency operation
More results

Similar Description - E48SP12020NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SP12020NRFB DELTA-E48SP12020NRFB Datasheet
472Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
E48SP12020NRFA DELTA-E48SP12020NRFA Datasheet
475Kb / 15P
   Delphi Series E48SP Eighth Brick Family DC/DC Power Modules: 48V in, 12V/20A out
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
   Bus Converter 48V Input / 12V Output / 20A
logo
Delta Electronics, Inc.
E48SP3R340 DELTA-E48SP3R340 Datasheet
462Kb / 13P
   48V in, 3.3V, 40A out
E48SP3R360 DELTA-E48SP3R360 Datasheet
525Kb / 15P
   48V in, 3.3V, 60A out
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
Q48SH12033 DELTA-Q48SH12033 Datasheet
442Kb / 13P
   400W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/33A out
E48SR12006 DELTA-E48SR12006 Datasheet
795Kb / 13P
   Delphi Series E48SR12006, 72W Eighth Brick DC/DC Power Modules: 48V in, 12V/6A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
E48SC12005NRFA DELTA-E48SC12005NRFA Datasheet
717Kb / 15P
   Delphi Series E48SC12005, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/5A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com