Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHS-A9025S20 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # FHS-A9025S20
Description  Intel LGA1156 Nehalem(45nm 95W)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FHS-A9025S20 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  FHS-A9025S20 Datasheet HTML 1Page - Delta Electronics, Inc. FHS-A9025S20 Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DELTA ELECTRONICS, INC.
252, Shang Ying Road, Kuei San
TAOYUAN SHIEN 333,
TAIWAN,R.O.C.
TEL: 886-3-3591968 EXT 2073
FAX: 886-3-3591991
DELTA PRODUCTS CORPORATION
4405 CUSHING PARKWAY
FREMONT, CA 94538, U.S.A.
TEL: 1-510-668-5100
FAX: 1-510-668-0680
DELTA ELECTRONICS EUROPE LTD.
WEGALAAN 16,
2132 JC HOOFDDORP,
THE NETHERLANDS
TEL: 31-23-566-8989
FAX: 31-23-5668910
DELTA ELECTRONICS(JAPAN), INC.
DELTA SHIBADAIMON BLDG.
2-1-14 SHIBADAIMON, MINATO-KU,
TOKYO, 105-0012, JAPAN
TEL: 81-3-5733-1111
FAX: 81-3-5733-1211
Date: July-2009
DELTA ELECTRONICS, INC.
FHS
FHS--A9025S19
A9025S19
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice
Thermal & Mechanical Spec.:
Thermal performance for 95W &87W CPU
HSK Assembly Weight: 252 g (ref.)
Clipping Force: 16 Kgf (ref.)
Picture:
Component Specification:
1. Heat Sink
Type: Thermal Shrink with Cu Core
Material: Aluminum A6063 & Copper C1100
or Equivalent.
Dimension: 90*90*19.05 mm
2. Thermal interface material
Material: Dow Corning TC-1996 or Equivalent.
3. Fan
(90x90x25 mm with Thermistor & PWM Control)
Rated Voltage: 12 V
Life Time:
Superflo bearing 50000 hrs
Connector:
a. Lead wire: UL 1430 AWG#26
pin 1: black wire--------(-)
pin 2: yellow wire----------(+)
pin 3: green wire---------(F00)
pin 4: blue wire------------(PWM)
b. Housing: Molex 47054-1000 or equivalent
c. Terminal: Molex 2759T 08-50-0113 or equivalent
Application: (Intel Core i5)
Intel LGA1156 Nehalem(45nm 95W) / Westmere
(32nm 87W) CPU Lynnfield & Clarkdale sequence
(Low Profile M/B mounting hole pitch 75x 75mm)
2009 New
LGA1156
Thermal Performance Curve
3.1
3.4
3.7
4.0
4.3
4.6
1800 1915 2030 2145 2260 2375 2490 2605 2720 2835 3150
(rmp)
0.30
0.33
0.36
0.39
0.42
Noise
Rca


Similar Part No. - FHS-A9025S20

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FHS-A9025S16 DELTA-FHS-A9025S16 Datasheet
139Kb / 3P
   Intel LGA775 Wolfdale / Yorkfield (45nm)
FHS-A9025S17 DELTA-FHS-A9025S17 Datasheet
139Kb / 3P
   Intel LGA775 Wolfdale / Yorkfield (45nm)
FHS-A9025S18 DELTA-FHS-A9025S18 Datasheet
139Kb / 3P
   Intel LGA775 Wolfdale / Yorkfield (45nm)
More results

Similar Description - FHS-A9025S20

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FHS-A6025B01 DELTA-FHS-A6025B01 Datasheet
153Kb / 2P
   Intel Nehalem Socket 1366 2U
FHS-A9025S16 DELTA-FHS-A9025S16 Datasheet
139Kb / 3P
   Intel LGA775 Wolfdale / Yorkfield (45nm)
logo
List of Unclassifed Man...
CT-60 ETC2-CT-60 Datasheet
233Kb / 1P
   Rugged Conduction Cooled 6U CompactPCI Processor Blade with 45nm Intel Core2 Duo
logo
PULS GmbH
ML95.100 PULS-ML95.100 Datasheet
465Kb / 2P
   DC 24-28V / 95W
logo
Axiomtek Co., Ltd.
MANO800 AXIOMTEK-MANO800_17 Datasheet
272Kb / 1P
   Mini-ITX SBC with LGA1156 Intel Core Processor, Intel짰 Q57, DVI-D/VGA
logo
Phihong USA Inc.
POE576U-4MP-N-R PHIHONG-POE576U-4MP-N-R Datasheet
69Kb / 3P
   4-Port 95W per Port Midspan
POE806U-8MP-N-R PHIHONG-POE806U-8MP-N-R Datasheet
83Kb / 3P
   8-Port 95W per Port Midspan
POE240U-2MPN PHIHONG-POE240U-2MPN Datasheet
79Kb / 3P
   2 Port 95W per Port Power over Ethernet Midspan
logo
AAEON Technology
BOXER-6357VS AAEON-BOXER-6357VS Datasheet
372Kb / 2P
   onboard intel
EMB-QM87A AAEON-EMB-QM87A Datasheet
385Kb / 2P
   onboard intel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com