Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL215099301E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # MAL215099301E3
Description  Aluminum Capacitors SMD (Chip), Very Low Z
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL215099301E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button MAL215099301E3 Datasheet HTML 4Page - Vishay Siliconix MAL215099301E3 Datasheet HTML 5Page - Vishay Siliconix MAL215099301E3 Datasheet HTML 6Page - Vishay Siliconix MAL215099301E3 Datasheet HTML 7Page - Vishay Siliconix MAL215099301E3 Datasheet HTML 8Page - Vishay Siliconix MAL215099301E3 Datasheet HTML 9Page - Vishay Siliconix MAL215099301E3 Datasheet HTML 10Page - Vishay Siliconix MAL215099301E3 Datasheet HTML 11Page - Vishay Siliconix MAL215099301E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
150 CRZ
www.vishay.com
Vishay BCcomponents
Revision: 17-Jun-11
8
Document Number: 28395
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 7
35
100
8 x 8 x 10
405
35
0.12
0.300
2.40
97011E3
-
220
10 x 10 x 10
630
77
0.12
0.150
1.20
97001E3
99001E3
330
10 x 10 x 12
790
116
0.12
0.120
0.96
-
99003E3
330
10 x 10 x 14
790
116
0.12
0.120
0.96
97002E3
-
470
12.5 x 12.5 x 13
905
165
0.14
0.077
0.60
97012E3
99012E3
680
12.5 x 12.5 x 16
1007
238
0.14
0.060
0.48
97013E3
99013E3
1000
16 x 16 x 16
1350
350
0.14
0.050
0.40
-
99014E3
1500
16 x 16 x 21
1666
525
0.14
0.035
0.28
-
99015E3
1500
18 x 18 x 16
1400
525
0.14
0.050
0.40
-
99016E3
2200
18 x 18 x 21
1756
770
0.16
0.035
0.28
-
99017E3
50
68
8 x 8 x 10
333
34
0.12
0.480
3.84
97111E3
-
100
10 x 10 x 10
490
50
0.12
0.240
1.92
97101E3
99101E3
220
10 x 10 x 12
620
110
0.12
0.190
1.52
-
99103E3
220
10 x 10 x 14
620
110
0.12
0.190
1.52
97102E3
-
330
12.5 x 12.5 x 13
690
165
0.12
0.130
1.04
97112E3
99112E3
680
16 x 16 x 16
1035
340
0.12
0.085
0.68
-
99114E3
1000
16 x 16 x 21
1100
500
0.12
0.080
0.64
-
99115E3
1000
18 x 18 x 16
1074
500
0.12
0.085
0.68
-
99116E3
1500
18 x 18 x 21
1470
750
0.12
0.080
0.64
-
99117E3
63
33
8 x 8 x 10
270
21
0.10
0.650
5.20
97812E3
-
47
8 x 8 x 10
270
30
0.10
0.650
5.20
97811E3
-
47
10 x 10 x 10
390
30
0.10
0.380
3.00
97801E3
99801E3
68
10 x 10 x 10
390
43
0.10
0.380
3.00
97802E3
99802E3
100
10 x 10 x 12
507
63
0.10
0.290
2.32
-
99804E3
100
10 x 10 x 14
507
63
0.10
0.290
2.32
97803E3
-
150
12.5 x 12.5 x 13
507
97
0.10
0.250
2.00
97821E3
99821E3
220
12.5 x 12.5 x 16
637
141
0.10
0.200
1.60
97815E3
99815E3
330
16 x 16 x 16
910
208
0.10
0.150
1.20
-
99816E3
470
16 x 16 x 21
987
296
0.10
0.120
0.96
-
99817E3
470
18 x 18 x 16
944
296
0.10
0.150
1.20
-
99818E3
680
18 x 18 x 21
1160
428
0.10
0.120
0.96
-
99819E3
100
4.7
10 x 10 x 10
210
5
0.07
1.9
87
97901E3
-
10
10 x 10 x 10
240
10
0.07
1.4
68
97902E3
-
22
10 x 10 x 10
240
22
0.07
1.4
68
97903E3
-
33
10 x 10 x 10
250
33
0.10
1.4
68
97904E3
-
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us  1.15 x UR
Reverse voltage for short periods
IEC 60384-18, subclause 4.16
Urev  1 V
Current
Leakage current
After 2 min at UR
IL2  0.01 x CR x UR
Inductance
Equivalent series inductance (ESL)
Ø D = 8 mm
Typ. 6 nH
Ø D = 10 mm
Typ. 8 nH
Ø D
 12.5 mm
Typ. 11 nH
Resistance
Equivalent series resistance (ESR) at 100 Hz
Calculated from tan
max. and CR (see Table 6)
ESR = tan
/2fC
R
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
(μF)
NOMINAL CASE SIZE
L x W x H
(mm)
IR 105 °C
100 kHz
(mA)
IL
2 min
(μA)
tan
100 Hz
Z
100 kHz
20 °C
(
)
Z
100 kHz
- 40 °C
(
)
ORDERING
CODE (1)
MAL2150...
ORDERING
CODE (2)
MAL2150...
Notes
(1) Standard reflow soldering profile, see Fig. 4 and Table 4
(2) Advanced reflow soldering profile, according to JEDEC J-STD-020, see Fig. 5 and Table 5


Similar Part No. - MAL215099301E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
More results

Similar Description - MAL215099301E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150CRZ VISHAY-150CRZ_13 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ Datasheet
129Kb / 9P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 30-Oct-08
222215097101 VISHAY-222215097101 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CLZ VISHAY-150CLZ Datasheet
108Kb / 7P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 03-Jul-08
MAL215099012E3 VISHAY-MAL215099012E3 Datasheet
151Kb / 13P
   Aluminum Capacitors SMD (Chip), Very Low Z
Revision: 23-Apr-13
150CRZ VISHAY-150CRZ_V01 Datasheet
163Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
01-Jan-2023
150CRZ VISHAY-150CRZ_16 Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
150-CRZ VISHAY-150-CRZ Datasheet
165Kb / 14P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z
Revision: 12-Dec-16
250CRZ-V VISHAY-250CRZ-V_V01 Datasheet
132Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
01-Jan-2023
250CRZ-V VISHAY-250CRZ-V Datasheet
137Kb / 10P
   Aluminum Electrolytic Capacitors SMD (Chip), Very Low Z, High Vibration Capability
Revision: 12-Apr-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com