Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAL214097501E3 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MAL214097501E3
Description  Aluminum Capacitors SMD (Chip), High Temperature
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MAL214097501E3 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MAL214097501E3 Datasheet HTML 5Page - Vishay Siliconix MAL214097501E3 Datasheet HTML 6Page - Vishay Siliconix MAL214097501E3 Datasheet HTML 7Page - Vishay Siliconix MAL214097501E3 Datasheet HTML 8Page - Vishay Siliconix MAL214097501E3 Datasheet HTML 9Page - Vishay Siliconix MAL214097501E3 Datasheet HTML 10Page - Vishay Siliconix MAL214097501E3 Datasheet HTML 11Page - Vishay Siliconix MAL214097501E3 Datasheet HTML 12Page - Vishay Siliconix MAL214097501E3 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Document Number: 28396
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 09-May-11
9
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
140 CRH
Aluminum Capacitors
SMD (Chip), High Temperature
Vishay BCcomponents
Table 7
CAPACITANCE (C)
Fig. 6 - Typical multiplier of capacitance as a function
of ambient temperature
DISSIPATION FACTOR (tan
)
Fig. 7 - Typical multiplier of dissipation factor (tan
)
as a function of ambient temperature
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
IEC 60384-18, subclause 4.14
Us  1.15 x UR
Reverse voltage for short periods
IEC 60384-18, subclause 4.16
Urev  1V
Current
Leakage current
After 2 min at UR
IL2  0.01 x CR x UR
Inductance
Equivalent series inductance (ESL)
Ø D = 8 mm
Typ. 6 nH
Ø D = 10 mm
Typ. 8 nH
Ø D
 12.5 mm
Typ. 11 nH
Resistance
Equivalent series resistance (ESR) at 100 Hz Calculated from tan
max. and CR (see Table 6)
ESR = tan
/2fC
R
C
0 = Capacitance at 20 °C, 100 Hz
- 60
- 40
- 20
0
20
40
60
80
100
120
1.2
1.1
1.0
0.9
0.8
T
amb (°C)
C
C
0
1
2
1
2
Curve 1: 10 V
Curve 2: 63 V
- 60
- 40
- 20
0
20
40
60
80
100
120
140
T
amb (°C)
tan
tan
0
10
1
0.1
tan
δ
0 = Typical tan δ at 20 °C, 100 Hz


Similar Part No. - MAL214097501E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MAL214097501E3 VISHAY-MAL214097501E3 Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
More results

Similar Description - MAL214097501E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140CRH VISHAY-140CRH Datasheet
607Kb / 9P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 24-Oct-08
140CRH VISHAY-140CRH_13 Datasheet
147Kb / 13P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 26-Apr-13
140CLH VISHAY-140CLH_08 Datasheet
526Kb / 7P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 29-May-08
140CLH VISHAY-140CLH Datasheet
209Kb / 6P
   Aluminum Capacitors SMD (Chip), High Temperature
Revision: 23-Jun-05
140CRH VISHAY-140CRH_17 Datasheet
157Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
140CRH VISHAY-140CRH_V01 Datasheet
154Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
01-Jan-2023
140-CRH VISHAY-140-CRH Datasheet
156Kb / 13P
   Aluminum Electrolytic Capacitors SMD (Chip), High Temperature
Revision: 31-Jan-17
146CTI VISHAY-146CTI_13 Datasheet
137Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 23-Apr-13
146CTI VISHAY-146CTI Datasheet
116Kb / 11P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 19-Jul-10
160CLA VISHAY-160CLA Datasheet
127Kb / 10P
   Aluminum Capacitors SMD (Chip), High Temperature, Low Impedance
Revision: 04-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com