Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VY2470K29U2JS6V5 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VY2470K29U2JS6V5
Description  AC Line Rated Disc Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VY2470K29U2JS6V5 Datasheet(HTML) 5 Page - Vishay Siliconix

  VY2470K29U2JS6V5 Datasheet HTML 1Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 2Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 3Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 4Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 5Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 6Page - Vishay Siliconix VY2470K29U2JS6V5 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28535
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 13-Apr-10
91
VY2 Series
AC Line Rated Disc Capacitors
Class X1, 440 VAC, Class Y2, 300 VAC
Vishay BCcomponents
REEL AND TAPE DATA in millimeters
STANDARD RECOGNITION
IEC 60384 - 14/3rd issue (2005)- Safety Tests
UL 1414 - Across-the-line, antenna-coupling and line-by-pass component
CQC - China Quality Certification Centre-Safety Tests
MARKING: 2 SIDES
(EXAMPLE)
LABEL
(EXAMPLE)
28 ± 1.5
355.6 ± 2.0
330
360
55
Ammopack with capacitors on tape
VY2 472 M
Y2 300 ~
X1 440 ~
xxxx
250 ~
10
4 digit date code (year/week)
front
back


Similar Part No. - VY2470K29U2JS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VY2470K29U2JS6V5 VISHAY-VY2470K29U2JS6V5 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY2470K29U2JS6V5 VISHAY-VY2470K29U2JS6V5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 08-Mar-12
VY2470K29U2JS6V5 VISHAY-VY2470K29U2JS6V5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results

Similar Description - VY2470K29U2JS6V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30LVSD47-R VISHAY-30LVSD47-R Datasheet
163Kb / 5P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
VY1 VISHAY-VY1_10 Datasheet
452Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 12-Apr-10
VY2472M49Y5US63V0 VISHAY-VY2472M49Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors
Revision: 08-Mar-12
30LVD22-R VISHAY-30LVD22-R Datasheet
166Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 06-Jun-13
440L VISHAY-440L Datasheet
129Kb / 3P
   AC Line Rated Disc Capacitors
Revision 14-May-02
VY1472M63Y5UQ63V0 VISHAY-VY1472M63Y5UQ63V0 Datasheet
127Kb / 6P
   AC Line Rated Disc Capacitors
Revision: 11-Jun-12
WKP472MCPEF VISHAY-WKP472MCPEF Datasheet
140Kb / 4P
   AC Line Rated Ceramic Disc Capacitors
Revision: 19-Dec-13
440L VISHAY-440L_18 Datasheet
174Kb / 5P
   AC Line Rated Ceramic Disc Capacitors
Revision: 29-Mar-18
AY1 VISHAY-AY1 Datasheet
306Kb / 12P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors
AY2 VISHAY-AY2_18 Datasheet
355Kb / 13P
   Automotive Grade AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 29-Mar-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com