Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDT1008 Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PDT1008
Description  100A Avg 800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT1008 Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PDT1008 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT1008 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT1008 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT1008 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピークオフ電流
Peak Off-State Current
IDM
Tj=125℃,VDM=VDRM
mA
■電気的特性 Electrical Characteristics
ピークオン電圧
Peak On-State Voltage
VTM
Tj=25℃,ITM=300A
V
トリガゲート電流
Gate Current to Trigger
IGT
VD=6V,IT=1A
mA
mA
mA
トリガゲート電圧
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
V
V
V
非トリガゲート電圧
Gate Non-Trigger Voltage
VGD
Tj=125℃,VD=2/3VDRM
0.25
V
ターンオフ時間
Turn-Off Time
tq
Tj=125℃,ITM=IO,VD=2/3VDRM
dv/dt=20V/μs,
VR=100V,
−di/dt=20A/μs
μs
保持電流
Holding Current
IH
Tj=25℃
mA
熱抵抗
Thermal Resistance
Rth
(j-c)
接合部−ケース間
Junction to Case
℃/W
質量…約155g
1アーム当りの値 Value Per 1 Arm.
Approximate Weight
Tj=−40℃
Tj=
25℃
Tj= 125℃
Tj=−40℃
Tj=
25℃
Tj= 125℃
最小
Min.
標準
Typ.
100
50
20
最大
Max.
1.38
200
100
50
4
2.5
2
0.3
臨界オフ電圧上昇率
Critical Rate of Rise of Off-State Voltage
dv/dt
Tj=125℃,VD=2/3VDRM
500
V/μs
ラッチング電流
Latching Current
IL
Tj=25℃
mA
100
ターンオン時間
Turn-On Time
tgt
Tj=25℃,VD=2/3VDRM
IG=200mA,diG/dt=0.2A/μs
μs
6
遅れ時間
Delay Time
td
μs
2
立上がり時間
Rise Time
tr
μs
4
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間,サーマルコンパウンド塗布
Case to Fin, Greased
℃/W
0.2
ピーク逆電流
Peak Reverse Current
IRM
Tj=125℃,VRM=VRRM
mA
20
─ 184 ─


Similar Part No. - PDT1008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008 Datasheet
257Kb / 5P
   THYRISTOR MODULE 100A / 800V
logo
Kyocera Kinseki Corpota...
PDT1008 KSS-PDT1008 Datasheet
345Kb / 4P
   Thyristor
logo
National Instruments Co...
PDT1008 NI-PDT1008_15 Datasheet
251Kb / 4P
   THYRISTOR
More results

Similar Description - PDT1008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
PC1008 NIEC-PC1008_1 Datasheet
155Kb / 2P
   100A Avg 800 Volts
logo
National Instruments Co...
PC1008 NI-PC1008_15 Datasheet
155Kb / 2P
   100A Avg 800 Volts
logo
Nihon Inter Electronics...
PE1008N NIEC-PE1008N_1 Datasheet
156Kb / 2P
   100A Avg 800 Volts
PGH1008AM NIEC-PGH1008AM_1 Datasheet
240Kb / 3P
   100A Avg 800 Volts
PD100KN8 NIEC-PD100KN8 Datasheet
154Kb / 2P
   DIODE 100A Avg 800 Volts
PC10012 NIEC-PC10012_1 Datasheet
157Kb / 2P
   100A Avg 12001600 Volts
PT100S16 NIEC-PT100S16_1 Datasheet
279Kb / 2P
   100A Avg 1600 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
   100A Avg 1600 Volts
logo
National Instruments Co...
PC100F2 NI-PC100F2_15 Datasheet
226Kb / 2P
   100A Avg 200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com