Electronic Components Datasheet Search |
|
MAL214099519E3 Datasheet(PDF) 7 Page - Vishay Siliconix |
|
MAL214099519E3 Datasheet(HTML) 7 Page - Vishay Siliconix |
7 / 13 page Document Number: 28396 For technical questions, contact: aluminumcaps1@vishay.com www.vishay.com Revision: 09-May-11 7 This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 140 CRH Aluminum Capacitors SMD (Chip), High Temperature Vishay BCcomponents Note • Unless otherwise specified, all electrical values in Table 6 apply at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 % ORDERING EXAMPLE Electrolytic capacitor 140 CRH series 220 μF/50 V; ± 20 % Nominal case size: 12.5 mm x 12.5 mm x 13 mm; taped on reel Ordering code: MAL214099111E3 Table 6 ELECTRICAL DATA SYMBOL DESCRIPTION CR Rated capacitance at 100 Hz, tolerance ± 20 % IR Rated RMS ripple current at 100 kHz, 125 °C IL2 Max. leakage current after 2 min at UR tan Max. dissipation factor at 100 Hz Z Max. impedance at 100 kHz ELECTRICAL DATA AND ORDERING INFORMATION UR (V) CR (μF) NOMINAL CASE SIZE LxWxH (mm) IR 100 kHz 125 °C (mA) IL2 2min (μA) tan 100 Hz Z 100 kHz 20 °C ( ) ORDERING CODE (1) MAL2140... ORDERING CODE (2) MAL2140... 6.3 330 8 x 8 x 10 180 21 0.30 0.40 97303E3 - 470 10 x 10 x 10 300 30 0.30 0.25 97301E3 99301E3 680 10 x 10 x 14 430 43 0.30 0.20 97302E3 - 10 220 8 x 8 x 10 180 22 0.26 0.40 97403E3 - 330 10 x 10 x 10 300 33 0.26 0.25 97401E3 99401E3 470 10 x 10 x 14 430 47 0.26 0.20 97402E3 - 680 12.5 x 12.5 x 13 750 68 0.22 0.12 97411E3 99411E3 1000 12.5 x 12.5 x 16 900 100 0.22 0.09 97412E3 99412E3 2200 16 x 16 x 16 1000 220 0.24 0.08 - 99413E3 3300 16 x 16 x 21 1200 330 0.24 0.06 - 99414E3 3300 18 x 18 x 16 1200 330 0.26 0.08 - 99415E3 4700 18 x 18 x 21 1550 470 0.28 0.06 - 99416E3 16 150 8 x 8 x 10 180 24 0.22 0.40 97502E3 - 330 10 x 10 x 14 430 53 0.22 0.20 97501E3 - 470 12.5 x 12.5 x 13 750 75 0.18 0.12 97511E3 99511E3 680 12.5 x 12.5 x 16 900 108 0.18 0.09 97512E3 99512E3 1000 16 x 16 x 16 1100 160 0.18 0.08 - 99513E3 1000 16 x 16 x 21 1200 160 0.18 0.06 - 99514E3 1500 16 x 16 x 16 1100 240 0.18 0.08 - 99515E3 1500 18 x 18 x 16 1200 240 0.18 0.08 - 99516E3 2200 16 x 16 x 21 1200 352 0.20 0.06 - 99517E3 2200 18 x 18 x 21 1550 352 0.20 0.06 - 99518E3 3300 18 x 18 x 21 1550 528 0.22 0.06 - 99519E3 25 100 8 x 8 x 10 180 25 0.18 0.40 97602E3 - 220 10 x 10 x 10 300 55 0.18 0.25 97601E3 99601E3 330 12.5 x 12.5 x 13 750 82 0.16 0.12 97611E3 99611E3 470 12.5 x 12.5 x 16 900 117 0.16 0.09 97612E3 99612E3 1000 16 x 16 x 16 1100 250 0.16 0.08 - 99613E3 1000 16 x 16 x 21 1200 250 0.16 0.06 - 99614E3 1500 16 x 16 x 21 1200 375 0.16 0.06 - 99615E3 1500 18 x 18 x 16 1200 375 0.16 0.08 - 99616E3 2200 18 x 18 x 21 1550 550 0.18 0.06 - 99617E3 Notes (1) Standard reflow soldering profile, see Fig. 4 and Table 4 (2) Advanced reflow soldering profile, according to JEDEC J-STD-020, see Fig. 5 and Table 5 |
Similar Part No. - MAL214099519E3 |
|
Similar Description - MAL214099519E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |