Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDT4008 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PDT4008
Description  400A Avg 800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDT4008 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PDT4008_1 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDT4008_1 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDT4008_1 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDT4008_1 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
─ 209 ─
■定格・特性曲線


Similar Part No. - PDT4008_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT4008 NIEC-PDT4008 Datasheet
298Kb / 5P
   THYRISTOR MODULE
PDT4008 NIEC-PDT4008 Datasheet
246Kb / 4P
   THYRISTOR 400A AVG 800 VOLTS
More results

Similar Description - PDT4008_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT4008 NIEC-PHT4008_1 Datasheet
243Kb / 4P
   400A Avg 800 Volts
PC4008 NIEC-PC4008 Datasheet
210Kb / 2P
   DIODE 400A Avg 800 Volts
PH400N8 NIEC-PH400N8 Datasheet
351Kb / 2P
   DIODE 400A Avg 800 Volts
PH4008 NIEC-PH4008 Datasheet
153Kb / 2P
   DIODE 400A Avg 800 Volts
PCH4008 NIEC-PCH4008 Datasheet
246Kb / 4P
   THYRISTOR 400A AVG 800 VOLTS
PDT1518 NIEC-PDT1518_1 Datasheet
372Kb / 3P
   150A Avg 800 Volts
PD230S8 NIEC-PD230S8 Datasheet
83Kb / 1P
   230A Avg 800 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
PT151S8 NIEC-PT151S8_1 Datasheet
286Kb / 2P
   150A Avg 800 Volts
PC2008 NIEC-PC2008_1 Datasheet
156Kb / 2P
   200A Avg 800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com