Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP43216VC-52Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP43216VC-52Z
Description  Halfband Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43216VC-52Z Datasheet(HTML) 4 Page - Intersil Corporation

  HSP43216VC-52Z Datasheet HTML 1Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 2Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 3Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 4Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 5Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 6Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 7Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 8Page - Intersil Corporation HSP43216VC-52Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FN3365.10
October 6, 2008
Functional Description
The operation of the HSP43216 centers around a fixed
coefficient, 67-Tap, Halfband Filter Processor as shown in
Figure 1. The Halfband Filter Processor operates stand
alone to provide two fundamental modes of operation:
interpolate or decimate by two filtering of a real signal. In two
other modes, the Quadrature Up/Down Convert circuitry
operates together with the Filter Processor block to provide
fS/4 Down Conversion with decimate by 2 filtering or
Quadrature to Real Conversion.
In Down Convert and Decimate mode, a real input sample
stream is spectrally shifted by fS/4. Each component of the
resulting complex signal is then halfband filtered and
decimated by 2 to produce real and imaginary output
samples at half of the input data rate.
In Quadrature to Real Conversion mode, the real and
imaginary components of a quadrature input are interpolated
by two and halfband filtered. The filtered result is then
spectrally shifted by fS/4 and the real component of this
operation is output at twice the input sample rate.The
HSP43216 is configured for different operational modes by
setting the state of the mode control pins, MODE1-0 as
shown in Table 1.
Input Data Flow Controller
The Input Data Flow Controller routes data samples from the
AIN0-15 and BIN0-15 inputs to the internal processing
elements of the Halfband. The data routing paths are based
on mode of operation and are more fully discussed in the
Operational Modes section.
fS/4 Quadrature Down Convert Processor
The fS/4 Quadrature Down Convert Processor operates as a
Quadrature LO which provides the negative fS/4 spectral
shift required to center the upper sideband of a real input
signal at DC. This operation is equivalent to multiplying the
real sample stream, x(n), by the quadrature components of
the complex exponential e-j(π/2)n as given below:
R
E
G
M
U
X
fS/4
L.O.
MUX
MUX
1,-1,1,..
-1,1,-1,.
1
1
EVEN TAP
FILTER
MUX
MUX
1
1
...,2,-2,2
..,-2,2,-2
M
U
X
ODD TAP
FILTER
AIN0-15
BIN0-15
BOUT0-15
AOUT0-15
OEA
OEB
USB/LSB
R
E
G
R
E
G
R
E
G
R
E
G
R
E
G
R
E
G
R
E
G
R
E
G
R
N
D
F
M
T
R
E
G
R
E
G
R
N
D
F
M
T
R
E
G
R
E
G
R
E
G
R
E
G
2
2
Indicates elements which operate at CLK/2 when the INT/EXT control input is high.
SYNC
INT/EXT
RND0-2
FMT
MODE0-1
INPUT DATA FLOW
CONTROLLER
fS/4 QUADRATURE
DOWN CONVERT
67-TAP HALFBAND
FILTER
fS/4 QUADRATURE
UP CONVERT
OUTPUT DATA FLOW
CONTROLLER
PROCESSOR
PROCESSOR
DELAY 19
DELAY 2 - 35
SYNC
PROCESSOR
+
FIGURE 1. HALFBAND BLOCK DIAGRAM
CLK
USB/LSB
PIPELINE
PIPELINE
TABLE 1. MODE SELECT TABLE
MODE1-0
MODE
00
Decimate by Two
01
Interpolate by Two
10
Down Convert and Decimate
11
Quadrature to Real Conversion
xn
()
e j πn2
()
xn
()
πn2
()
jx n
()
π
n2
()
sin
+
cos
=
(EQ. 1)
HSP43216


Similar Part No. - HSP43216VC-52Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP43216VC-52Z INTERSIL-HSP43216VC-52Z Datasheet
589Kb / 20P
   Halfband Filter
logo
Renesas Technology Corp
HSP43216VC-52Z RENESAS-HSP43216VC-52Z Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
More results

Similar Description - HSP43216VC-52Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSP43216 RENESAS-HSP43216 Datasheet
575Kb / 20P
   Halfband Filter
Oct 6, 2008
logo
Intersil Corporation
HSP43216 INTERSIL-HSP43216_07 Datasheet
589Kb / 20P
   Halfband Filter
HSP43216 INTERSIL-HSP43216 Datasheet
144Kb / 19P
   Halfband Filter
logo
TDK Electronics
B39182B9521P810 TDK-B39182B9521P810 Datasheet
309Kb / 12P
   SAW filter 2in1 filter
logo
API Technologies Corp
1289-001 APITECH-1289-001 Datasheet
43Kb / 1P
   FILTER
logo
Wurth Elektronik GmbH &...
750314978 WURTH-750314978 Datasheet
133Kb / 1P
   FILTER
750314980 WURTH-750314980 Datasheet
133Kb / 1P
   FILTER
logo
Merrimac Industries, In...
FBGC-2.75G MERRIMAC-FBGC-2.75G Datasheet
97Kb / 2P
   FILTER
FBGE-3.0G MERRIMAC-FBGE-3.0G Datasheet
204Kb / 2P
   FILTER
FBGE-10.57 MERRIMAC-FBGE-10.57 Datasheet
74Kb / 2P
   FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com