Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962D0823001QXC Datasheet(PDF) 11 Page - Intersil Corporation

Part # 5962D0823001QXC
Description  Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962D0823001QXC Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 5962D0823001QXC Datasheet HTML 4Page - Intersil Corporation 5962D0823001QXC Datasheet HTML 5Page - Intersil Corporation 5962D0823001QXC Datasheet HTML 6Page - Intersil Corporation 5962D0823001QXC Datasheet HTML 7Page - Intersil Corporation 5962D0823001QXC Datasheet HTML 8Page - Intersil Corporation 5962D0823001QXC Datasheet HTML 9Page - Intersil Corporation 5962D0823001QXC Datasheet HTML 10Page - Intersil Corporation 5962D0823001QXC Datasheet HTML 11Page - Intersil Corporation 5962D0823001QXC Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications
at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by
Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any
patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6874.1
May 16, 2011
For additional products, see www.intersil.com/product_tree
Layout Characteristics
Step and Repeat: 2390µm x 2445µm
The DELAY pad is not bonded.
TABLE 1. LAYOUT X-Y COORDINATES
PAD NAME
X
m)
Y
m)
DX
m)
DY
m)
PROBES
PER PAD
IND
675
190
140
140
1
VS-
995
190
140
140
1
OUTD
2118
490
122
133
1
OUTC
2118
795
122
133
1
VH
2118
1039
122
345
2
2118
1211
OUTB
2118
1554
122
133
1
OUTA
2118
1861
122
133
1
VS+
1015
2140
140
140
1
INA
608
2140
140
140
1
OE
213
1993
140
140
1
INB
213
1673
140
140
1
VL
213
1331
140
345
2
213
1159
GND
213
864
140
140
1
DELAY
213
585
140
140
0
INC
213
213
140
140
1
ISL7457SRH


Similar Part No. - 5962D0823001QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962D0823001QXC INTERSIL-5962D0823001QXC Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
5962D0823001QXC RENESAS-5962D0823001QXC Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results

Similar Description - 5962D0823001QXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
ACS157MS INTERSIL-ACS157MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input Non-Inverting Multiplexer
December 1997
HCTS365MS INTERSIL-HCTS365MS Datasheet
200Kb / 10P
   Radiation Hardened Hex Buffer/Line Driver Non-Inverting
September 1995
logo
Renesas Technology Corp
ISL74422BRH RENESAS-ISL74422BRH Datasheet
210Kb / 3P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
logo
Intersil Corporation
ISL74422BRH INTERSIL-ISL74422BRH Datasheet
74Kb / 2P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com