Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962D0823001V9A Datasheet(PDF) 9 Page - Intersil Corporation

Part # 5962D0823001V9A
Description  Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962D0823001V9A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button 5962D0823001V9A Datasheet HTML 4Page - Intersil Corporation 5962D0823001V9A Datasheet HTML 5Page - Intersil Corporation 5962D0823001V9A Datasheet HTML 6Page - Intersil Corporation 5962D0823001V9A Datasheet HTML 7Page - Intersil Corporation 5962D0823001V9A Datasheet HTML 8Page - Intersil Corporation 5962D0823001V9A Datasheet HTML 9Page - Intersil Corporation 5962D0823001V9A Datasheet HTML 10Page - Intersil Corporation 5962D0823001V9A Datasheet HTML 11Page - Intersil Corporation 5962D0823001V9A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN6874.1
May 16, 2011
Application Information
Product Description
The ISL7457SRH is a high performance, high speed quad
CMOS driver. Each channel of the ISL7457SRH consists
of a single P-channel high side driver and a single
N-Channel low side driver. These 3.5Ω devices will pull
the output (OUTx) to either the high or low voltage, on
VH and VL respectively, depending on the input logic
signal (INx). It should be noted that there is only one set
of high and low voltage pins.
A common output enable (OE) pin is available on the
ISL7457SRH. When this pin is pulled low, it will put all
outputs in a high impedance state.
Supply Voltage Range and Input
Compatibility
The ISL7457SRH is designed to operate on nominal 5V to
15V supplies with ±10% tolerance. Table 1 on page 7
shows the specifications for the relationship between the
VS+, VS-, VH, VL, and GND pins. The ISL7457SRH does
not contain a true analog switch and therefore VL should
always be less than VH.
All input pins are compatible with both 3.3V and 5V
CMOS signals.
PCB Layout Guidelines
1. A ground plane must be used, preferably located on
layer #2 of the PCB.
2. Connect the GND and VS- pins directly to the ground
plane.
2. The VS+, VH and VL pins should be bypassed directly
to the ground plane using a low-ESR, 4.7µF solid
tantalum capacitor in parallel with a 0.1µF ceramic
capacitor. Locate all bypass capacitors as close as
possible to the respective pins of the IC.
3. Keep all input and output connections to the IC as
short as possible.
4. For high frequency operation above 1MHz, consider
use of controlled impedance traces terminated into 50Ω
on all inputs and outputs.
Power Dissipation Calculation
When switching at high speeds, or driving heavy loads,
the ISL7457SRH drive capability is limited by the rise in
die temperature brought about by internal power
dissipation. For reliable operation die temperature must
be kept below TJMAX (+150°C).
Power dissipation may be calculated as shown in
Equation 1:
where:
PD is the power dissipated in the device.
VS is the total power supply to the ISL7457SRH
(from VS+ to VS-).
IS is the quiescent supply current.
CINT is the internal load capacitance (80pF max).
f is the operating frequency.
CL is the load capacitance.
VOUT is the swing on the output (VH - VL).
Junction Temperature Calculation
Once the power dissipation for the application is
determined, the maximum junction temperature can be
calculated as shown in Equation 2:
where:
TJMAX is the maximum operating junction
temperature (+150°C).
TSMAX is the maximum operating sink temperature
of the PCB.
θJC is the thermal resistance, junction-to-case, of the
package.
θCS is the thermal resistance, case-to-sink, of the
PCB.
PD is the power dissipation calculated in Equation 1.
PCB Thermal Management
To minimize the case-to-sink thermal resistance, it is
recommended that multiple vias be placed on the top
layer of the PCB directly underneath the IC. The vias
should be connected to the ground plane, which
functions as a heatsink. A gap filler material (i.e. a
Sil-Pad or thermally conductive epoxy) may be used to
insure good thermal contact between the bottom of the
IC and the vias.
PD
VS IS
×
()
CINT VS
2
×
f
×
()
CL VOUT
2
×
f
×
()
+
1
4
+
=
(EQ. 1)
TJMAX
TSMAX Θ
(
JC
Θ
CS )
PD
×
++
=
(EQ. 2)
ISL7457SRH


Similar Part No. - 5962D0823001V9A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962D0823001V9A INTERSIL-5962D0823001V9A Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
logo
Renesas Technology Corp
5962D0823001V9A RENESAS-5962D0823001V9A Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results

Similar Description - 5962D0823001V9A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
   Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
   Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
ACS157MS INTERSIL-ACS157MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input Non-Inverting Multiplexer
December 1997
HCTS365MS INTERSIL-HCTS365MS Datasheet
200Kb / 10P
   Radiation Hardened Hex Buffer/Line Driver Non-Inverting
September 1995
logo
Renesas Technology Corp
ISL74422BRH RENESAS-ISL74422BRH Datasheet
210Kb / 3P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
October 2003
logo
Intersil Corporation
ISL74422BRH INTERSIL-ISL74422BRH Datasheet
74Kb / 2P
   Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
ACS244MS INTERSIL-ACS244MS Datasheet
46Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
logo
Renesas Technology Corp
HCTS541MS RENESAS-HCTS541MS Datasheet
423Kb / 10P
   Radiation Hardened Non-Inverting Octal Buffer/Line Driver, Three-State
August 1995
ACS244MS RENESAS-ACS244MS Datasheet
192Kb / 2P
   Radiation Hardened Non-Inverting, Octal, Three-State Buffer/Line Driver
March 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com