Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8016IR15Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8016IR15Z
Description  6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8016IR15Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8016IR15Z Datasheet HTML 2Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 3Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 4Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 5Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 6Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 7Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 8Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 9Page - Intersil Corporation ISL8016IR15Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
ISL8016
6
FN7616.1
May 5, 2011
Block Diagram
FIGURE 4. FUNCTIONAL BLOCK DIAGRAM
PHASE
+
+
CSA
+
+
OCP
SKIP
+
+
Slope
COMP
SLOPE
Soft
START
SOFT
EAMP
COMP
PWM/PFM
LOGIC
CONTROLLER
PROTECTION
HS DRIVER
VFB
+
0.85*VREF
PG
SYNCIN
SHUTDOWN
VIN
PGND
OSCILLATOR
ZERO-CROSS
SENSING
BANDGAP
SCP
+
0.1V
EN
SHUTDOWN
1ms
DELAY
55pF
168k
SGND
3pF
6k
-
-
-
-
-
-
-
VDD
SS
COMP
100
SHUTDOWN
LS
DRIVER
SYNCOUT
FS
ISET
THRESHOLD
ISET
VSET
VREF
NEG CURRENT
SENSING
250µA
P
N
+
0.8V
-
UV
OV


Similar Part No. - ISL8016IR15Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8016IR15Z INTERSIL-ISL8016IR15Z Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8016IR15Z RENESAS-ISL8016IR15Z Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8016IR15Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8016 RENESAS-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL8018 INTERSIL-ISL8018 Datasheet
843Kb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
September 30, 2015
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com