Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8016IR18Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL8016IR18Z
Description  6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8016IR18Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL8016IR18Z Datasheet HTML 6Page - Intersil Corporation ISL8016IR18Z Datasheet HTML 7Page - Intersil Corporation ISL8016IR18Z Datasheet HTML 8Page - Intersil Corporation ISL8016IR18Z Datasheet HTML 9Page - Intersil Corporation ISL8016IR18Z Datasheet HTML 10Page - Intersil Corporation ISL8016IR18Z Datasheet HTML 11Page - Intersil Corporation ISL8016IR18Z Datasheet HTML 12Page - Intersil Corporation ISL8016IR18Z Datasheet HTML 13Page - Intersil Corporation ISL8016IR18Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ISL8016
10
FN7616.1
May 5, 2011
Typical Operating Performance Unless otherwise noted, operating conditions are: T
A = +25°C, VIN = 5V,
EN = 3.3V, SYNCIN = VIN, L = 1.0µH, C1 =2x22µF, C2 = 4x22µF, VOUT = 1.8V, IOUT = 0A to 6A.
FIGURE 5. EFFICIENCY vs LOAD (1MHz 3.3VIN PWM)
FIGURE 6. EFFICIENCY vs LOAD (1MHz 3.3VIN PFM)
FIGURE 7. EFFICIENCY vs LOAD (1MHz 5VIN PWM)
FIGURE 8. EFFICIENCY vs LOAD (1MHz 5VIN PFM)
FIGURE 9. POWER DISSIPATION vs LOAD (1MHz, VOUT = 1.8V)
FIGURE 10. VOUT REGULATION vs VIN (PWM VOUT = 1.8V)
70
75
80
85
90
95
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT (A)
1.2VOUT
1.8VOUT
2.5VOUT
1.5VOUT
70
75
80
85
90
95
100
0.0
0.3
0.6
0.9
1.2
1.5
1.8
IOUT (A)
1.2VOUT
1.8VOUT
2.5VOUT
1.5VOUT
IOUT (A)
70
75
80
85
90
95
100
0.0
1.0
2.0
3.0
4.0
5.0
6.0
1.2VOUT
1.8VOUT
2.5VOUT
1.5VOUT
3.3VOUT
IOUT (A)
70
75
80
85
90
95
100
0.0
0.3
0.6
0.9
1.2
1.5
1.8
3.3VOUT
1.2VOUT
1.8VOUT
2.5VOUT
1.5VOUT
IOUT (A)
0
0.3
0.6
0.9
1.2
1.5
1.8
0.0
1.0
2.0
3.0
4.0
5.0
6.0
5VIN PWM MODE
3.3VIN PWM MODE
VIN (V)
1.78
1.79
1.80
1.81
1.82
1.83
1.84
2.5
3.0
3.5
4.0
4.5
5.0
5.5
3A LOAD
6A LOAD
0A LOAD


Similar Part No. - ISL8016IR18Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8016IR18Z INTERSIL-ISL8016IR18Z Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8016IR18Z RENESAS-ISL8016IR18Z Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results

Similar Description - ISL8016IR18Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8016 RENESAS-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL8018 INTERSIL-ISL8018 Datasheet
843Kb / 21P
   8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
September 30, 2015
logo
Renesas Technology Corp
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
   4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com