Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF308N Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PF308N
Description  30A Avg 800 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PF308N Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PF308N Datasheet HTML 1Page - Nihon Inter Electronics Corporation PF308N Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
─70─
■定格・特性曲線


Similar Part No. - PF308N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PF308N NIEC-PF308N Datasheet
156Kb / 3P
   DIODE MODULE 30A/800V
More results

Similar Description - PF308N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT30S8 NIEC-PT30S8_1 Datasheet
112Kb / 2P
   30A Avg 800 Volts
PGH308 NIEC-PGH308_1 Datasheet
220Kb / 3P
   30A Avg 800 Volts
logo
National Instruments Co...
PC308 NI-PC308_15 Datasheet
150Kb / 2P
   30A Avg 800 Volts
logo
Nihon Inter Electronics...
PHT308C NIEC-PHT308C Datasheet
336Kb / 3P
   30A Avg 800 Volts
PC308 NIEC-PC308_1 Datasheet
150Kb / 2P
   30A Avg 800 Volts
PDT308 NIEC-PDT308 Datasheet
241Kb / 4P
   THYRISTOR MODULE 30A Avg 800 Volts
PDT1518 NIEC-PDT1518_1 Datasheet
372Kb / 3P
   150A Avg 800 Volts
PHT4008 NIEC-PHT4008_1 Datasheet
243Kb / 4P
   400A Avg 800 Volts
PD230S8 NIEC-PD230S8 Datasheet
83Kb / 1P
   230A Avg 800 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com