Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9492_1103 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9492_1103
Description  Single Output LNB Supply and Control Voltage Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9492_1103 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9492_1103 Datasheet HTML 1Page - Intersil Corporation ISL9492_1103 Datasheet HTML 2Page - Intersil Corporation ISL9492_1103 Datasheet HTML 3Page - Intersil Corporation ISL9492_1103 Datasheet HTML 4Page - Intersil Corporation ISL9492_1103 Datasheet HTML 5Page - Intersil Corporation ISL9492_1103 Datasheet HTML 6Page - Intersil Corporation ISL9492_1103 Datasheet HTML 7Page - Intersil Corporation ISL9492_1103 Datasheet HTML 8Page - Intersil Corporation ISL9492_1103 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ISL9492
2
FN6547.1
March 17, 2011
Pin Configuration
ISL9492
(28 LD TQFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP.
RANGE (°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL9492ERZ
94 92ERZ
-20 to +85
28 Ld 4x4 TQFN
L28.4x4A
ISL9492QFNEVAL1
Evaluation Board
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL9492. For more information on MSL please see techbrief TB363.
1
2
3
4
5
6
7
8
910
11
12
13
20
19
18
17
16
15
21
CPSWIN
VSWSNS
NC
NC
ABYP
VCC
DRAIN
FLT
LDO_SGND
EXTM
TXT
SCL
SDA
TDOUT
28
27
26
25
24
23
14
22
Functional Pin Descriptions
PIN
SYMBOL
FUNCTION
1
CPSWIN
Charge pump connection 1
2
VSWSNS
Boost regulator sense line. Connect to boost output capacitor.
3, 4
NC
No connect pins
5
ABYP
Analog 5V supply. Decouple with 1µF ceramic capacitor and a ferrite bead (see “ABYP” on page 14 for
more detail).
6
VCC
Main power supply to the chip.
7
DRAIN
This is the Drain of the Boost MOSFET. The Boost inductor will be connected to this pin.
8,9
PGND
Power gound for the Internal Boost MOSFET.
10
DBYP
Digital 5V supply. Decouple with 1µF ceramic capacitor.
11, 12
ADDR0, ADDR1
Logic combination at the ADD0 and ADD1 can select four different chip select addresses.
13
SVTOP
External control of output voltage selection.
14
TDIN
Tone detector input.
15
TDOUT
The envelope of the actually detected external tone signal. It is an open-drain output.


Similar Part No. - ISL9492_1103

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9492ERZ INTERSIL-ISL9492ERZ Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
ISL9492ERZ INTERSIL-ISL9492ERZ Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
March 17, 2011
logo
Renesas Technology Corp
ISL9492ERZ RENESAS-ISL9492ERZ Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
logo
Intersil Corporation
ISL9492QFNEVAL1 INTERSIL-ISL9492QFNEVAL1 Datasheet
1Mb / 20P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface
ISL9492QFNEVAL1 INTERSIL-ISL9492QFNEVAL1 Datasheet
1Mb / 21P
   Single Output LNB Supply and Control Voltage Regulator with I2C Interface for Satellite Set-Top Box Designs
March 17, 2011
More results

Similar Description - ISL9492_1103

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5047A RICHTEK-RT5047A Datasheet
925Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5070 RICHTEK-RT5070 Datasheet
825Kb / 13P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047 Datasheet
976Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047 RICHTEK-RT5047_17 Datasheet
902Kb / 16P
   Single Output LNB Supply and Control Voltage Regulator
RT5047B RICHTEK-RT5047B Datasheet
925Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
RT5047BF RICHTEK-RT5047BF Datasheet
941Kb / 17P
   Single Output LNB Supply and Control Voltage Regulator
logo
Allegro MicroSystems
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com