Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE1008N Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PE1008N
Description  100A Avg 800 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PE1008N Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PE1008N Datasheet HTML 1Page - Nihon Inter Electronics Corporation PE1008N Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
─74─
■定格・特性曲線


Similar Part No. - PE1008N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PE1008N NIEC-PE1008N Datasheet
196Kb / 3P
   DIODE MODULE 100A/800V
logo
Kyocera Kinseki Corpota...
PE1008N KSS-PE1008N Datasheet
251Kb / 2P
   Diode
logo
National Instruments Co...
PE1008N NI-PE1008N_15 Datasheet
156Kb / 2P
   DIODE
More results

Similar Description - PE1008N

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
   100A Avg 800 Volts
PC1008 NIEC-PC1008_1 Datasheet
155Kb / 2P
   100A Avg 800 Volts
logo
National Instruments Co...
PC1008 NI-PC1008_15 Datasheet
155Kb / 2P
   100A Avg 800 Volts
logo
Nihon Inter Electronics...
PDT1008 NIEC-PDT1008_1 Datasheet
251Kb / 4P
   100A Avg 800 Volts
PGH1008AM NIEC-PGH1008AM_1 Datasheet
240Kb / 3P
   100A Avg 800 Volts
PD100KN8 NIEC-PD100KN8 Datasheet
154Kb / 2P
   DIODE 100A Avg 800 Volts
PC10012 NIEC-PC10012_1 Datasheet
157Kb / 2P
   100A Avg 12001600 Volts
PT100S16 NIEC-PT100S16_1 Datasheet
279Kb / 2P
   100A Avg 1600 Volts
PGH10016AM NIEC-PGH10016AM_1 Datasheet
239Kb / 3P
   100A Avg 1600 Volts
logo
National Instruments Co...
PC100F2 NI-PC100F2_15 Datasheet
226Kb / 2P
   100A Avg 200 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com