Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21440 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL21440
Description  Micropower Voltage Reference with Comparator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21440 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL21440 Datasheet HTML 3Page - Intersil Corporation ISL21440 Datasheet HTML 4Page - Intersil Corporation ISL21440 Datasheet HTML 5Page - Intersil Corporation ISL21440 Datasheet HTML 6Page - Intersil Corporation ISL21440 Datasheet HTML 7Page - Intersil Corporation ISL21440 Datasheet HTML 8Page - Intersil Corporation ISL21440 Datasheet HTML 9Page - Intersil Corporation ISL21440 Datasheet HTML 10Page - Intersil Corporation ISL21440 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ISL21440
7
FN6532.2
February 23, 2011
PSRR
Power Supply Rejection Ratio
V+ = 2V to 11V
MSOP Package
0.25
1.1
mV/V
1.2
mV/V
TDFN Package
0.25
1.5
mV/V
1.6
mV/V
VHYST
Hysteresis Input Voltage
REF - 50mV
REF
V
tPHL
Propagation Delay - High to Low Transition CL = 100pF
Overdrive = 10mV
100
µs
Overdrive = 100mV
50
µs
tPLH
Propagation Delay - Low to High Transition CL = 100pF
Overdrive = 10mV
200
µs
Overdrive = 100mV
100
µs
VOH
Output High Voltage
IO = -6mA
(V+) - 0.4
V
VOL
Output Low Voltage
IO = 1.8mA
GND + 0.4
V
REFERENCE
VREF
Reference Voltage
No Load
1.176
1.188
V
ΔVREF
Output Load Regulation
0
≤ ISOURCE ≤ 2mA
-0.5
-2.0
mV
-2.5
mV
0
≤ ISINK ≤ 10µA
0.1
2.0
mV
-2.5
mV
NOTES:
9. Over the specified temperature range. Temperature coefficient is measured by the box method whereby the change in VOUT is divided by the
temperature range; in this case, -40°C to +125°C = +165°C.
10. Parts are 100% tested at +25°C and +85°C. The -40°C and +125°C temperature limits are established by characterization and are not production
tested.
Analog Specifications V+= +3.0V. V- = GND = 0V unless otherwise specified, TA = +25°C. Boldface limits apply over the operating
temperature range, -40°C to +125°C.
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 10)
TYP
(Note 9)
MAX
(Note 10) UNITS
Typical Performance Curves
FIGURE 3. IDD vs TEMPERATURE
FIGURE 4. IDD vs VDD
0.40
0.41
0.42
0.43
0.44
0.45
0.46
0.47
0.48
0.49
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
V+ = 5V
V+ = 3V
0
0.2
0.4
0.6
0.8
1.0
1.2
2
7
10
11
VDD (V)
3456
8
9


Similar Part No. - ISL21440

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
ISL21440 INTERSIL-ISL21440 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440IRTZ INTERSIL-ISL21440IRTZ Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Renesas Technology Corp
ISL21440IRTZ RENESAS-ISL21440IRTZ Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
More results

Similar Description - ISL21440

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL21440 RENESAS-ISL21440 Datasheet
958Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Intersil Corporation
ISL21440 INTERSIL-ISL21440 Datasheet
541Kb / 15P
   Micropower Voltage Reference with Comparator
logo
Linear Technology
LT6703-2 LINER-LT6703-2 Datasheet
166Kb / 12P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com