Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2094 Datasheet(PDF) 1 Page - Rohm

Part # 2SA2094
Description  Medium power transistor (-60V, -2A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SA2094 Datasheet(HTML) 1 Page - Rohm

  2SA2094 Datasheet HTML 1Page - Rohm 2SA2094 Datasheet HTML 2Page - Rohm 2SA2094 Datasheet HTML 3Page - Rohm 2SA2094 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.03 - Rev.A
Medium power transistor (
60V, 2A)
2SA2094
Features
Dimensions (Unit : mm)
1) High speed switching.
(Tf : Typ. : 30ns at IC = 2A)
2) Low saturation voltage, typically
(Typ. : 200mV at IC = 1A, IB = 0.1A)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SC5866
Applications
Low frequency amplifier
High speed switching
Structure
PNP epitaxial planar silicon transistor
Packaging specifications
Taping
2SA2094
Type
TL
3000
Package
Basic ordering unit (pieces)
Code
Absolute maximum ratings (Ta=25
C)
Parameter
V
V
V
A
A
mW
°C
°C
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
DC
Pulsed
−60
−60
−6
−2
−4
500
150
−55 to 150
∗1
∗2
∗1 Pw=10ms
∗2 Each terminal mounted on a recommended land
Abbreviated symbol : VP
(1) Base
(2) Emitter
(3) Collector
TSMT3
2.8
1.6
0.3
0.6
Each lead has same dimensions


Similar Part No. - 2SA2094

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
   Medium power transistor (-60V, -2A)
2SA2094 ROHM-2SA2094 Datasheet
471Kb / 7P
   PNP -2A -60V Middle Power Transistor
2SA2094TLQ ROHM-2SA2094TLQ Datasheet
471Kb / 7P
   PNP -2A -60V Middle Power Transistor
More results

Similar Description - 2SA2094

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5866 ROHM-2SC5866 Datasheet
39Kb / 3P
   Medium power transistor (60V, 2A)
2SA2094 ROHM-2SA2094 Datasheet
99Kb / 4P
   Medium power transistor (-60V, -2A)
2SD2391 ROHM-2SD2391 Datasheet
73Kb / 4P
   Medium Power Transistor ( 60V, 2A)
2SD2391T100Q ROHM-2SD2391T100Q Datasheet
105Kb / 3P
   Medium Power Transistor (60V, 2A)
2SC5866TLR ROHM-2SC5866TLR Datasheet
306Kb / 4P
   Medium power transistor (60V, 2A)
2SC5866 ROHM-2SC5866_11 Datasheet
935Kb / 4P
   Medium power transistor (60V, 2A)
2SB1561 ROHM-2SB1561 Datasheet
113Kb / 4P
   Medium Power Transistor (-60V, -2A)
2SC5866 ROHM-2SC5866_1 Datasheet
86Kb / 4P
   Medium power transistor (60V, 2A)
2SD2391 ROHM-2SD2391_09 Datasheet
164Kb / 3P
   Medium Power Transistor (60V, 2A)
2SA2093 ROHM-2SA2093 Datasheet
97Kb / 4P
   Power transistor (-60V, -2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com