Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12028IV30AZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL12028IV30AZ
Description  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12028IV30AZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL12028IV30AZ Datasheet HTML 1Page - Intersil Corporation ISL12028IV30AZ Datasheet HTML 2Page - Intersil Corporation ISL12028IV30AZ Datasheet HTML 3Page - Intersil Corporation ISL12028IV30AZ Datasheet HTML 4Page - Intersil Corporation ISL12028IV30AZ Datasheet HTML 5Page - Intersil Corporation ISL12028IV30AZ Datasheet HTML 6Page - Intersil Corporation ISL12028IV30AZ Datasheet HTML 7Page - Intersil Corporation ISL12028IV30AZ Datasheet HTML 8Page - Intersil Corporation ISL12028IV30AZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
FN8233.9
November 30, 2010
RESET OUTPUT
ILO
Output Leakage Current
VDD = 5.5V
VOUT = 5.5V
100
400
nA
VOL
Output Low Voltage
VDD = 5.5V
IOL = 3mA
0.4
V
VDD = 2.7V
IOL = 1mA
0.4
V
Electrical Specifications
Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 16)
TYP
MAX
(Note 16)
UNIT
NOTES
Watchdog Timer/Low Voltage Reset Parameters Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 16)
TYP
(Note 5)
MAX
(Note 16)
UNITS
NOTES
tRPD
VDD Detect to RESET LOW
500
ns
13
tPURST
Power-Up Reset Time-Out Delay
100
250
400
ms
VRVALID
Minimum VDD for Valid RESET
Output
1.0
V
VRESET
ISL12028-4.5A Reset Voltage
Level
4.59
4.64
4.69
V
ISL12028 Reset Voltage Level
4.33
4.38
4.43
V
ISL12028-3 Reset Voltage Level
3.04
3.09
3.14
V
ISL12028-2.7A Reset Voltage
Level
2.87
2.92
2.97
V
ISL12028-2.7 Reset Voltage Level
2.58
2.63
2.68
V
tWDO
Watchdog Timer Period
32.768kHz crystal between X1 and
X2
1.70
1.75
1.801
s
725
750
775
ms
225
250
275
ms
tRST
Watchdog Timer Reset Time-Out
Delay
32.768kHz crystal between X1 and
X2
225
250
275
ms
tRSP
I2C Interface Minimum Restart
Time
1.2
µs
EEPROM SPECIFICATIONS
EEPROM Endurance
>2,000,000
Cycles
EEPROM Retention
Temperature
≤ +75°C
50
Years
Serial Interface (I2C) Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 16)
TYP
MAX
(Note 16)
UNITS
NOTES
VIL
SDA, and SCL Input Buffer LOW
Voltage
SBIB = 1 (Under VDD mode)
-0.3
0.3 x VDD
V
VIH
SDA, and SCL Input Buffer HIGH
Voltage
SBIB = 1 (Under VDD mode)
0.7 x VDD
VDD + 0.3
V
Hysteresis SDA and SCL Input Buffer
Hysteresis
SBIB = 1 (Under VDD mode)
0.05 x VDD
V
VOL
SDA Output Buffer LOW Voltage
IOL = 4mA
0
0.4
V
ILI
Input Leakage Current on SCL
VIN = 5.5V
0.1
10
µA
ILO
I/O Leakage Current on SDA
VIN = 5.5V
0.1
10
µA
TIMING CHARACTERISTICS
fSCL
SCL Frequency
400
kHz
tIN
Pulse width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the max spec
is suppressed.
50
ns
ISL12028, ISL12028A


Similar Part No. - ISL12028IV30AZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12028IV30AZ INTERSIL-ISL12028IV30AZ Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12028IV30AZ INTERSIL-ISL12028IV30AZ Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028IV30AZ-T INTERSIL-ISL12028IV30AZ-T Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results

Similar Description - ISL12028IV30AZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_10 Datasheet
560Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com