Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22414WMU10Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL22414WMU10Z
Description  Single Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22414WMU10Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL22414WMU10Z Datasheet HTML 2Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 3Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 4Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 5Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 6Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 7Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 8Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 9Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN6424.1
December 16, 2010
Rpu
(Note 17)
SDO Pull-up Resistor Off-chip
Maximum is determined by tRO and tFO with
maximum bus load Cb = 30pF, fSCK = 5MHz
2
k
Ω
Cpin
SCK, SDI, SDO and CS Pin
Capacitance
10
pF
fSCK
SPI Frequency
5
MHz
tCYC
SPI Clock Cycle Time
200
ns
tWH
SPI Clock High Time
100
ns
tWL
SPI Clock Low Time
100
ns
tLEAD
Lead Time
250
ns
tLAG
Lag Time
250
ns
tSU
SDI, SCK and CS Input Setup Time
50
ns
tH
SDI, SCK and CS Input Hold Time
50
ns
tRI
SDI, SCK and CS Input Rise Time
10
ns
tFI
SDI, SCK and CS Input Fall Time
10
20
ns
tDIS
SDO output Disable Time
0
100
ns
tSO
SDO Output Setup Time
50
ns
tV
SDO Output Valid Time
150
ns
tHO
SDO Output Hold Time
0
ns
tRO
SDO Output Rise Time
Rpu = 2k, Cbus = 30pF
60
ns
tFO
SDO Output Fall Time
Rpu = 2k, Cbus = 30pF
60
ns
tCS
CS Deselect Time
2
µs
NOTES:
4. Typical values are for TA = +25°C and 3.3V supply voltage.
5. LSB: [V(RW)255 – V(RW)0]/255. V(RW)255 and V(RW)0 are V(RW) for the DCP register set to FF hex and 00 hex respectively. LSB is the
incremental voltage when changing from one tap to an adjacent tap.
6. ZS error = V(RW)0/LSB.
7. FS error = [V(RW)255 – VCC]/LSB.
8. DNL = [V(RW)i – V(RW)i-1]/LSB-1, for i = 1 to 255. i is the DCP register setting.
9. INL = [V(RW)i – i • LSB – V(RW)]/LSB for i = 1 to 255
10.
for i = 16 to 255 decimal, T = -40°C to +125°C or T = -55°C to +125°C. Max( ) is the
maximum value of the wiper voltage and Min ( ) is the minimum value of the wiper voltage
over the temperature range.
11. MI =
|RW255 – RW0|/255. MI is a minimum increment. RW255 and RW0 are the measured resistances for the DCP register set to FF hex and
00 hex respectively.
12. Roffset = RW0/MI, when measuring between RW and RL.
Roffset = RW255/MI, when measuring between RW and RH.
13. RDNL = (RWi – RWi-1)/MI -1, for i = 1 to 255.
14. RINL = [RWi – (MI • i) – RW0]/MI, for i = 1 to 255.
15.
for i = 16 to 255, T = -40°C to +125°C or T = -55°C to +125°C. Max( ) is the maximum value of the
resistance and Min( ) is the minimum value of the resistance over the temperature range.
16. tWC is the time from the end of a Write sequence of SPI serial interface, to the end of the self-timed internal non-volatile write cycle.
17. Rpu is specified for the highest data rate transfer for the device. Higher value pull-up can be used at lower data rates.
18. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Operating Specifications Over the recommended operating conditions unless otherwise specified. Boldface limits apply over the
operating temperature range. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
TCV
Max V RW
()
i
() Min V RW
()
i
()
Max V RW
()
i
() Min V RW
()
i
()
+
[] 2
----------------------------------------------------------------------------------------------
10
6
ΔT°C
---------------
×
=
TCR
Max Ri
() Min Ri
()
[]
Max Ri
() Min Ri
()
+
[] 2
----------------------------------------------------------------
10
6
ΔT°C
---------------
×
=
ISL22414


Similar Part No. - ISL22414WMU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22414WMU10Z INTERSIL-ISL22414WMU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WMU10Z RENESAS-ISL22414WMU10Z Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22414WMU10Z-T7A INTERSIL-ISL22414WMU10Z-T7A Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WMU10Z-T7A RENESAS-ISL22414WMU10Z-T7A Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
More results

Similar Description - ISL22414WMU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com