Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22414WMU10Z Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL22414WMU10Z
Description  Single Digitally Controlled Potentiometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22414WMU10Z Datasheet(HTML) 1 Page - Intersil Corporation

  ISL22414WMU10Z Datasheet HTML 1Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 2Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 3Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 4Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 5Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 6Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 7Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 8Page - Intersil Corporation ISL22414WMU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN6424.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
Copyright Intersil Americas Inc. 2007, 2010. All Rights Reserved
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) and XDCPis a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
ISL22414
Single Digitally Controlled Potentiometer (XDCP™)
Low Noise, Low Power, SPI® Bus, 256 Taps
The ISL22414 integrates a single digitally controlled
potentiometer (DCP), control logic and non-volatile memory
on a monolithic CMOS integrated circuit.
The digitally controlled potentiometer is implemented with a
combination of resistor elements and CMOS switches. The
position of the wiper is controlled by the user through the SPI
serial interface. The potentiometer has an associated
volatile Wiper Register (WR) and a non-volatile Initial Value
Register (IVR) that can be directly written to and read by the
user. The contents of the WR control the position of the
wiper. At power-up the device recalls the contents of the
DCP’s IVR to the WR.
The ISL22414 also has 14 General Purpose non-volatile
registers that can be used as storage of lookup table for
multiple wiper position or any other valuable information.
The ISL22414 features a dual supply that is beneficial for
applications requiring a bipolar range for DCP terminals
between V- and VCC.
The DCP can be used as three-terminal potentiometer or as
two-terminal variable resistor in a wide variety of applications
including control, parameter adjustments, and signal
processing.
Features
• 256 resistor taps
• SPI serial interface with write/read capability
• Daisy Chain Configuration
• Shutdown mode
• Non-volatile EEPROM storage of wiper position
• 14 General Purpose non-volatile registers
• High reliability
- Endurance: 1,000,000 data changes per bit per register
- Register data retention: 50 years @ T
≤ +55°C
• Wiper resistance: 70
Ω typical @ 1mA
• Standby current <2.5µA max
• Shutdown current <2.5µA max
• Dual power supply
- VCC = 2.25V to 5.5V
- V- = -2.25V to -5.5V
•10k
Ω, 50kΩ or 100kΩ total resistance
• Extended industrial temperature range: -40°C to +125°C
• Military temperature range: -55 to +125°C
• 10 Lead MSOP
• Pb-free (RoHS compliant)
Pinout
ISL22414
(10 LD MSOP)
TOP VIEW
1
2
3
4
5
6
10
9
8
7
SDO
V-
CS
SDI
Vcc
SCK
GND
RL
RW
RH
O
Ordering Information
PART NUMBER
(NOTES 1, 2)
PART
MARKING
RESISTANCE OPTION
(k
Ω)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL22414TFU10Z
414TZ
100
-40 to +125
10 Ld MSOP
M10.118
ISL22414UFU10Z
414UZ
50
-40 to +125
10 Ld MSOP
M10.118
ISL22414WFU10Z
414WZ
10
-40 to +125
10 Ld MSOP
M10.118
ISL22414WMU10Z
414WM
10
-55 to +125
10 Ld MSOP
M10.118
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-
020.
2. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
Data Sheet
December 16, 2010


Similar Part No. - ISL22414WMU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22414WMU10Z INTERSIL-ISL22414WMU10Z Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WMU10Z RENESAS-ISL22414WMU10Z Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
logo
Intersil Corporation
ISL22414WMU10Z-T7A INTERSIL-ISL22414WMU10Z-T7A Datasheet
697Kb / 17P
   Low Noise, Low Power, SPI® Bus, 256 Taps
September 9, 2015
logo
Renesas Technology Corp
ISL22414WMU10Z-T7A RENESAS-ISL22414WMU10Z-T7A Datasheet
1Mb / 17P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, SPI® Bus, 256 Taps
September 21, 2015
More results

Similar Description - ISL22414WMU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
   Single Digitally Controlled Potentiometer
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
   Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
   Single Digitally Controlled Potentiometer
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
   Single Digitally-Controlled Potentiometer
February 13, 2008
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
   Single Digitally-Controlled Potentiometer
July 9, 2008
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
   Single Digitally Controlled Potentiometer
October 13, 2008
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
   Single Digitally Controlled Potentiometer
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
   Single Digitally-Controlled Potentiometer
April 9, 2014
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
   Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
   Single Digitally Controlled Potentiometer
July 24, 2014
logo
Xicor Inc.
X9428 XICOR-X9428 Datasheet
580Kb / 20P
   Single Digitally Controlled Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com