Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLHS2242PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRLHS2242PBF
Description  HEXFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLHS2242PBF Datasheet(HTML) 5 Page - International Rectifier

  IRLHS2242PBF Datasheet HTML 1Page - International Rectifier IRLHS2242PBF Datasheet HTML 2Page - International Rectifier IRLHS2242PBF Datasheet HTML 3Page - International Rectifier IRLHS2242PBF Datasheet HTML 4Page - International Rectifier IRLHS2242PBF Datasheet HTML 5Page - International Rectifier IRLHS2242PBF Datasheet HTML 6Page - International Rectifier IRLHS2242PBF Datasheet HTML 7Page - International Rectifier IRLHS2242PBF Datasheet HTML 8Page - International Rectifier IRLHS2242PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRLHS2242TR/TR2PbF
www.irf.com
5
Fig 12. On-Resistance vs. Gate Voltage
0
2
4
6
8
10
12
-VGS, Gate -to -Source Voltage (V)
10
20
30
40
50
60
70
ID = -8.5A
TJ = 25°C
TJ = 125°C
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01Ω
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
-VGS
Fig 15b. Switching Time Waveforms
Fig 15a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
-VGS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
10
20
30
40
50
60
70
80
I D
TOP
-2.2A
-4.3A
BOTTOM
-8.5A


Similar Part No. - IRLHS2242PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLHS2242PBF IRF-IRLHS2242PBF Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
logo
Infineon Technologies A...
IRLHS2242PBF INFINEON-IRLHS2242PBF Datasheet
268Kb / 2P
   Sense2GoL pulse development kit
12 / 2019
logo
International Rectifier
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
More results

Similar Description - IRLHS2242PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com