Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL23511 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL23511
Description  Single Push Button Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23511 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL23511 Datasheet HTML 2Page - Intersil Corporation ISL23511 Datasheet HTML 3Page - Intersil Corporation ISL23511 Datasheet HTML 4Page - Intersil Corporation ISL23511 Datasheet HTML 5Page - Intersil Corporation ISL23511 Datasheet HTML 6Page - Intersil Corporation ISL23511 Datasheet HTML 7Page - Intersil Corporation ISL23511 Datasheet HTML 8Page - Intersil Corporation ISL23511 Datasheet HTML 9Page - Intersil Corporation ISL23511 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
FN6588.1
January 21, 2008
ISL23511
Ultra Thin Quad Flat No-Lead Plastic Package (UTQFN)
6
B
E
A
D
0.10 C
2X
2
0.10 M C A B
0.05 M C
(ND-1) X e
C
0.05 C
A
0.10 C
A1
SEATING PLANE
e
INDEX AREA
PIN #1 ID
3
5
(DATUM A)
(DATUM B)
N-1
1
N
NX L
NX b
2
1
N
TOP VIEW
BOTTOM VIEW
SIDE VIEW
NX (b)
SECTION "C-C"
FOR ODD TERMINAL/SIDE
e
CC
5
C
L
TERMINAL TIP
(A1)
L
DETAIL “A” PIN 1 ID
L
0.05 MIN
0.10 MIN
0.10 C
2X
4xk
b
L10.2.1x1.6A
10 LEAD ULTRA THIN QUAD FLAT NO-LEAD PLASTIC
PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.45
0.50
0.55
-
A1
-
-
0.05
-
A3
0.127 REF
-
b
0.15
0.20
0.25
5
D
2.05
2.10
2.15
-
E
1.55
1.60
1.65
-
e
0.50 BSC
-
k0.20
--
-
L
0.35
0.40
0.45
-
N10
2
Nd
4
3
Ne
1
3
θ
0-
12
4
Rev. 3 6/06
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on D and E side,
respectively.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Maximum package warpage is 0.05mm.
8. Maximum allowable burrs is 0.076mm in all directions.
9. Same as JEDEC MO-255UABD except:
No lead-pull-back, "A" MIN dimension = 0.45 not 0.50mm
"L" MAX dimension = 0.45 not 0.42mm.
10. For additional information, to assist with the PCB Land Pattern
Design effort, see Intersil Technical Brief TB389.
2.00
0.80
1.75
0.25
0.50
0.275
2.50
LAND PATTERN 10


Similar Part No. - ISL23511

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 INTERSIL-ISL23511 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
logo
Intersil Corporation
ISL23511UFB8Z INTERSIL-ISL23511UFB8Z Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511UFRU10Z INTERSIL-ISL23511UFRU10Z Datasheet
389Kb / 11P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
More results

Similar Description - ISL23511

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
Renesas Technology Corp
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com